Electronic Components Datasheet Search
  English  ▼

X  

EL2072CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL2072CS
Description  730MHz Closed Loop Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2072CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL2072CS Datasheet HTML 1Page - Intersil Corporation EL2072CS Datasheet HTML 2Page - Intersil Corporation EL2072CS Datasheet HTML 3Page - Intersil Corporation EL2072CS Datasheet HTML 4Page - Intersil Corporation EL2072CS Datasheet HTML 5Page - Intersil Corporation EL2072CS Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage (VS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±7V
Output Current
Output is short-circuit protected to ground, however, maximum reliability is
obtained if IOUT does not exceed 70mA.
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±VS
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -60°C to +150°C
Thermal Resistance
. . . . . . . . . . . . . . . . . . . . . . . . .θJA = 95°C/W PDIP
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . θJA = 175°C/W SO
Note: See EL2071/EL2171 for Thermal Impedance curves.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VS = ±5V, RL = 100Ω, RS = 50Ω unless otherwise specified
PARAMETER
DESCRIPTION
TEST CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
VOS
Output Offset Voltage
25°C
2.0
8.0
mV
TMIN
16.0
mV
TMAX
13.0
mV
TCVOS
Average Offset Voltage Drift
25°C - TMAX
20.0
50.0
µV/°C
25°C - TMIN
20.0
100.0
IB
Input Bias Current
25°C, TMAX
10.0
50.0
µA
TMIN
100.0
µA
TCIB
Average Input Bias Current Drift
25°C - TMAX
200.0
300.0
nA/°C
25°C - TMIN
200.0
700.0
AV
Small Signal Gain
RL = 100Ω
25°C
0.96
0.98
V/V
TMIN, TMAX
0.95
V/V
ILIN
Integral End Point linearity
±2V F.S.
25°C
0.2
0.4
%F.S.
TMIN
0.8
%F.S.
TMAX
0.3
%F.S.
PSRR
Power Supply Rejection Ratio
All
45.0
65.0
dB
IS
Supply Current—Quiescent
No Load
All
15.0
20.0
mA
RIN
Input Resistance
25°C
100.0
160.0
k
Ω
TMIN
50.0
k
Ω
TMAX
200.0
k
Ω
CIN
Input Capacitance
25°C
1.6
2.2
pF
TMIN, TMAX
2.5
pF
ROUT
Output Impedance (DC)
25°C
2.0
3.0
Ω
TMIN, TMAX
3.5
Ω
IOUT
Output Current
25°C, TMAX
50.0
70.0
mA
TMIN
45.0
mA
VOUT
Output Voltage Swing
RL = 100Ω
25°C, TMAX
±3.2
±4.0
V
TMIN
±3.0
V
EL2072



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com