Electronic Components Datasheet Search
  English  ▼

X  

PR5331C3HN Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PR5331C3HN
Description  USB NFC integrated reader solution
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR5331C3HN Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PR5331C3HN Datasheet HTML 19Page - NXP Semiconductors PR5331C3HN Datasheet HTML 20Page - NXP Semiconductors PR5331C3HN Datasheet HTML 21Page - NXP Semiconductors PR5331C3HN Datasheet HTML 22Page - NXP Semiconductors PR5331C3HN Datasheet HTML 23Page - NXP Semiconductors PR5331C3HN Datasheet HTML 24Page - NXP Semiconductors PR5331C3HN Datasheet HTML 25Page - NXP Semiconductors PR5331C3HN Datasheet HTML 26Page - NXP Semiconductors PR5331C3HN Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
PR533_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.6 — 27 October 2014
206436
23 of 36
NXP Semiconductors
PR533
USB NFC integrated reader solution
10.19 Input pin characteristics for RX
Fig 5.
RX input parameters
Table 30.
Input pin characteristics for RX
Symbol
Parameter
Conditions
Min
Typ Max
Unit
Vi
input voltage
dynamic; signal
frequency at
13.56 MHz
0.7
VDDA +1 V
Ci
input capacitance
6
10
14
pF
Rs
series resistance
RX input;
VDDA =3V;
receiver active;
VRX(p-p) =1V;
1.5 V DC offset
315
350 385
Minimum dynamic input voltage
VMID
AVDD +1 V
Vin, RX
0 V
VRX, IV, mil
mRXmil =
VRX, IV, mil - Vmod
VRX, IV, mil + Vmod
Vmod
13.56 MHz
carrier
Miller coded signals
aaa-002342
VMID
AVDD +1 V
Vin, RX
0 V
VRX, IV, Man
Vmod
VRXMod, Man
13.56 MHz
carrier
Manchester coded signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com