Electronic Components Datasheet Search
  English  ▼

X  

PR5331C3HN Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PR5331C3HN
Description  USB NFC integrated reader solution
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR5331C3HN Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PR5331C3HN Datasheet HTML 20Page - NXP Semiconductors PR5331C3HN Datasheet HTML 21Page - NXP Semiconductors PR5331C3HN Datasheet HTML 22Page - NXP Semiconductors PR5331C3HN Datasheet HTML 23Page - NXP Semiconductors PR5331C3HN Datasheet HTML 24Page - NXP Semiconductors PR5331C3HN Datasheet HTML 25Page - NXP Semiconductors PR5331C3HN Datasheet HTML 26Page - NXP Semiconductors PR5331C3HN Datasheet HTML 27Page - NXP Semiconductors PR5331C3HN Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
PR533_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.6 — 27 October 2014
206436
24 of 36
NXP Semiconductors
PR533
USB NFC integrated reader solution
[1]
The minimum modulation voltage is valid for all modulation schemes except Miller coded signals.
10.20 Output pin characteristics for AUX1/AUX2
VRX(p-p)
peak-to-peak receiver
voltage
Miller coded;
106 kbit/s
-150 500
mV
Manchester
coded; 212 kbit/s
and 424 kbit/s
-100 200
mV
Maximum dynamic input voltage
VRX(p-p)
peak-to-peak receiver
voltage
Miller coded;
106 kbit/s
VDDA
--
V
Manchester
coded;
212 and 424 kbit/s
VDDA
--
V
Minimum modulation voltage
Vmod
modulation voltage
RxGain = 6 and 7
[1] --
6
mV
RxGain = 4 and 5
[1] --
18
mV
RxGain = 0 to 3
[1] --
120
mV
Minimum modulation index
m
modulation index
Miller coded;
106 kbit/s
VRX(p-p)=1.5 V;
SensMiller = 3
-33
-%
Table 30.
Input pin characteristics for RX …continued
Symbol
Parameter
Conditions
Min
Typ Max
Unit
Table 31.
Output pin characteristics for AUX1/AUX2
Symbol
Parameter
Conditions
Min
Typ Max
Unit
VOH
HIGH-level output voltage
VDDD =3 V;
IOH = 4mA
VDDD  0.4
-
VDDD
V
VOL
LOW-level output voltage
VDDD =3 V;
IOL =4mA
VSSD
-VSSD +0.4
V
IOH
HIGH-level output current
VDDD= 3 V; VOH =
VDDD 0.3
4-
-
mA
IOL
LOW-level output current
VDDD= 3 V; VOL =
VDDD -0.3
4-
-
mA
ILI
input leakage current
RSTPD_N = 0 V
1-
+1
A
Ci
input capacitance
-
2.5
-
pF
CL
load capacitance
-
-
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com