Electronic Components Datasheet Search
  English  ▼

X  

EL2073CS Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL2073CS
Description  200MHz Unity-Gain Stable Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2073CS Datasheet(HTML) 3 Page - Intersil Corporation

  EL2073CS Datasheet HTML 1Page - Intersil Corporation EL2073CS Datasheet HTML 2Page - Intersil Corporation EL2073CS Datasheet HTML 3Page - Intersil Corporation EL2073CS Datasheet HTML 4Page - Intersil Corporation EL2073CS Datasheet HTML 5Page - Intersil Corporation EL2073CS Datasheet HTML 6Page - Intersil Corporation EL2073CS Datasheet HTML 7Page - Intersil Corporation EL2073CS Datasheet HTML 8Page - Intersil Corporation EL2073CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
AVOL 50
Open-Loop Gain
50
Ω
25°C
400
800
V/V
TMIN, TMAX
300
V/V
eN@ > 1MHz
Noise Voltage 1–100MHz
25°C
2.3
nV/
√Hz
iN@ > 100kHz
Noise Current 100k–100MHz
25°C
3.2
pA/
√Hz
NOTES:
1. Measured from TMIN, TMAX.
2. ±VCC = ±4.5V to 5.5V.
3. ±VIN = ±2.5V, VOUT = 0V
Open-Loop DC Electrical Specifications
VS = ±5V, RL = 100Ω, unless otherwise specified (Continued)
PARAMETER
DESCRIPTION
TEST CONDITIONS
TEMP
MIN
TYP
MAX
UNIT
Closed-Loop AC Electrical Specifications
VS = ±5V, AV = +1, Rf = 0Ω, RL = 100Ω unless otherwise specified
PARAMETER
DESCRIPTION
TEST CONDITIONS
TEMP
MIN
TYP
MAX
UNIT
SSBW
-3dB Bandwidth
(VOUT = 0.4VPP)
AV = +1
25°C
150
300
MHz
AV = -1
25°C
200
MHz
AV = +2
25°C
150
200
MHz
TMIN, TMAX
125
MHz
AV = +5
25°C
40
MHz
AV = +10
25°C
20
MHz
GBWP
Gain-Bandwidth Product
AV = +10
25°C
200
MHz
LSBWa
-3dB Bandwidth
VOUT = 2VPP (Note 1)
All
50
85
MHz
LSBWb
-3dB Bandwidth
VOUT = 5VPP (Note 1)
All
11
16
MHz
GFPL
Peaking (< 50MHz)
VOUT = 0.4VPP
25°C
0
0.5
dB
TMIN, TMAX
0.5
dB
GFPH
Peaking (> 50MHz)
VOUT = 0.4VPP
25°C
1
3
dB
TMIN, TMAX
3dB
GFR
Rolloff (< 100MHz)
VOUT = 0.4VPP
25°C
0.1
0.5
dB
TMIN, TMAX
0.5
dB
LPD
Linear Phase Deviation (< 100MHz)
VOUT = 0.4VPP
All
1
1.8
°
PM
Phase Margin
AV = +1
25°C
60
°
tr1, tf1
Rise Time, Fall Time
0.4V Step, AV = +2
25°C
2
ns
tr2, tf2
Rise Time, Fall Time
5V Step, AV = +2
25°C
15
ns
ts1
Settling to 0.1% (AV = -1)
2V Step
25°C
13
ns
ts2
Settling to 0.01% (AV = -1)
2V Step
25°C
25
ns
OS
Overshoot
2V Step
25°C
5
%
SR
Slew Rate
2V Step
All
175
250
V/µs
DISTORTION (Note 2)
HD2a
2nd Harmonic Distortion
@ 10MHz, AV = +2
25°C
-65
-55
dBc
HD2b
2nd Harmonic Distortion
@ 20MHz, AV = +1
25°C
-60
-50
dBc
HD2c
2nd Harmonic Distortion
@ 20MHz, AV = +2
25°C
-55
-50
dBc
TMIN, TMAX
-45
dBc
HD3a
3rd Harmonic Distortion
@ 10MHz, AV = +2
25°C
-72
-60
dBc
HD3b
3rd Harmonic Distortion
@ 20MHz, AV = +1
25°C
-70
-55
dBc
EL2073



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com