Electronic Components Datasheet Search
  English  ▼

X  

EL2073CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2073CS
Description  200MHz Unity-Gain Stable Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2073CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL2073CS Datasheet HTML 1Page - Intersil Corporation EL2073CS Datasheet HTML 2Page - Intersil Corporation EL2073CS Datasheet HTML 3Page - Intersil Corporation EL2073CS Datasheet HTML 4Page - Intersil Corporation EL2073CS Datasheet HTML 5Page - Intersil Corporation EL2073CS Datasheet HTML 6Page - Intersil Corporation EL2073CS Datasheet HTML 7Page - Intersil Corporation EL2073CS Datasheet HTML 8Page - Intersil Corporation EL2073CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN7034
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2073
200MHz Unity-Gain Stable Operational
Amplifier
The EL2073 is a precision voltage-
feedback amplifier featuring a 200MHz
gain-bandwidth product, fast settling
time, excellent differential gain and differential phase
performance, and a minimum of 50mA output current drive
over temperature.
The EL2073 is unity-gain stable with a -3dB bandwidth of
400MHz. It has a very low 200µV of input offset voltage, only
2µA of input bias current, and a fully symmetrical differential
input. Like all voltage-feedback operational amplifiers, the
EL2073 allows the use of reactive or non-linear components
in the feedback loop. This combination of speed and
versatility makes the EL2073 the ideal choice for all op-amp
applications requiring high speed and precision, including
active filters, integrators, sample-and-holds, and log amps.
The low distortion, high output current, and fast settling
makes the EL2073 an ideal amplifier for signal-processing
and digitizing systems.
Pinout
Features
• 200MHz gain-bandwidth product
• Unity-gain stable
• Ultra low video distortion = 0.01%/0.015° @ NTSC/PAL
• Conventional voltage-feedback topology
• Low offset voltage = 200µV
• Low bias current = 2µA
• Low offset current = 0.1µA
• Output current = 50mA over temperature
• Fast settling = 13ns to 0.1%
• Low distortion = -60dB HD2, -70dB HD3 @ 20MHz, 2VPP,
AV = +1
Applications
• High resolution video
• Active filters/integrators
• High-speed signal processing
• ADC/DAC buffers
• Pulse/RF amplifiers
• Pin diode receivers
• Log amplifiers
• Photo multiplier amplifiers
• High speed sample-and-holds
EL2073
(8-PIN PDIP, SO)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE
PACKAGE
PKG. NO.
EL2073CN
-40°C to +85°C
8-Pin PDIP
MDP0031
EL2073CS
-40°C to +85°C
8-Pin SO
MDP0027
Data Sheet
September 26, 2001
OBS
OLET
E PR
ODU
CT
NO R
ECO
MME
NDED
REPL
ACEM
ENT
conta
ct ou
r Tec
hnica
l Sup
port
Cent
er at
1-888
-INTE
RSIL
or ww
w.int
ersil.
com/
tsc


Similar Part No. - EL2073CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2073CS ELANTEC-EL2073CS Datasheet
368Kb / 12P
200MHz Unity-Gain Stable Operational Amplifier
More results

Similar Description - EL2073CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
200MHz Unity-Gain Stable Operational Amplifier
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2224 ELANTEC-EL2224 Datasheet
719Kb / 10P
Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
Dual 60MHz Unity Gain Stable, Operational Amplifier
logo
Intersil Corporation
HA-2541 INTERSIL-HA-2541_04 Datasheet
459Kb / 9P
40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
November 19, 2004
ISL55004 INTERSIL-ISL55004_06 Datasheet
508Kb / 12P
High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55002 INTERSIL-ISL55002_06 Datasheet
530Kb / 12P
High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55004IB INTERSIL-ISL55004IB Datasheet
512Kb / 12P
High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
logo
Renesas Technology Corp
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com