Electronic Components Datasheet Search
  English  ▼

X  

OPA202 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA202
Description  OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA202 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA202 Datasheet HTML 13Page - Texas Instruments OPA202 Datasheet HTML 14Page - Texas Instruments OPA202 Datasheet HTML 15Page - Texas Instruments OPA202 Datasheet HTML 16Page - Texas Instruments OPA202 Datasheet HTML 17Page - Texas Instruments OPA202 Datasheet HTML 18Page - Texas Instruments OPA202 Datasheet HTML 19Page - Texas Instruments OPA202 Datasheet HTML 20Page - Texas Instruments OPA202 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
0
20
40
60
80
100
10M
100M
1000M
Frequency (Hz)
C004
0
10
20
30
40
50
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
Sourcing
Sinking
0
5
10
15
20
25
30
35
40
100
1k
10k
100k
1M
Frequency (Hz)
C001
Maximum output voltage without
slew-rate induced distortion.
V
S = ±18 V
V
S = ±2.25 V
17
OPA202, OPA2202, OPA4202
www.ti.com
SBOS812F – OCTOBER 2017 – REVISED FEBRUARY 2020
Product Folder Links: OPA202 OPA2202 OPA4202
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 37. Short-Circuit Current vs Temperature
Figure 38. Maximum Output Voltage Amplitude vs
Frequency
PRF = –10 dBm
Figure 39. EMIRR vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com