Electronic Components Datasheet Search
  English  ▼

X  

OPA202 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA202
Description  OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA202 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA202 Datasheet HTML 9Page - Texas Instruments OPA202 Datasheet HTML 10Page - Texas Instruments OPA202 Datasheet HTML 11Page - Texas Instruments OPA202 Datasheet HTML 12Page - Texas Instruments OPA202 Datasheet HTML 13Page - Texas Instruments OPA202 Datasheet HTML 14Page - Texas Instruments OPA202 Datasheet HTML 15Page - Texas Instruments OPA202 Datasheet HTML 16Page - Texas Instruments OPA202 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
0.01
0.1
1
120
130
140
150
160
±75
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
Time (1 s/div)
C017
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
CMRR
+PSRR
±PSRR
C004
0.01
0.1
1
10
100
110
120
130
140
150
160
±75 ±50 ±25
0
25
50
75
100
125
150
Temperature (ƒC)
C001
14
14.5
15
15.5
16
16.5
17
17.5
18
0
5
10
15
20
25
30
35
40
45
50
Output Current (mA)
C001
125°C
85°C
25°C
±40°C
-18
-17.5
-17
-16.5
-16
-15.5
-15
-14.5
-14
0
5
10
15
20
25
30
35
40
45
50
Output Current (mA)
C001
125°C
85°C
25°C
±40°C
13
OPA202, OPA2202, OPA4202
www.ti.com
SBOS812F – OCTOBER 2017 – REVISED FEBRUARY 2020
Product Folder Links: OPA202 OPA2202 OPA4202
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 13. Output Voltage Swing vs Output Current
(Sourcing)
Figure 14. Output Voltage Swing vs Output Current
(Sinking)
Figure 15. CMRR and PSRR vs Frequency
Figure 16. CMRR vs Temperature
Figure 17. PSRR vs Temperature
Figure 18. 0.1-Hz to 10-Hz Voltage Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com