Electronic Components Datasheet Search
  English  ▼

X  

IL352 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL352
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL352 Datasheet(HTML) 5 Page - Vishay Siliconix

  IL352 Datasheet HTML 1Page - Vishay Siliconix IL352 Datasheet HTML 2Page - Vishay Siliconix IL352 Datasheet HTML 3Page - Vishay Siliconix IL352 Datasheet HTML 4Page - Vishay Siliconix IL352 Datasheet HTML 5Page - Vishay Siliconix IL352 Datasheet HTML 6Page - Vishay Siliconix IL352 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IL352
Document Number 83624
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
5
Figure 9. Collector-Emitter Leakage Current vs.Temp.
Figure 10. Normalized CTRcb vs. LED Current and Temperature
Figure 11. Collector-Base Photocurrent vs. LED Current
iil352_09
100
80
60
40
20
0
-20
TA - Ambient Temperature - °C
TYPICAL
VCE =10V
10 5
10 4
10 3
10 2
10 1
10 0
10 -1
10 -2
iil352_10
.1
1
1 0
100
0.0
0.5
1.0
1.5
25°C
50°C
70°C
IF - LED Current - mA
Normalized to:
IF =10 mA
VCB =9.3 V
TA = 25°C
iil352_11
100
10
1
.1
.01
.1
1
10
100
1000
IF - LED Current - mA
ICB = 1.0357 *IF ^1.3631
TA = 25°C
Figure 12. Normalized Photocurrent vs. IF and Temp.
Figure 13. Propagation Delay vs. Collector Load Resistor
iil352_12
.1
1
10
100
10
1
.1
.01
IF - LED Current - mA
Normalized to:
IF = 10 mA, TA = 25°C
NIB-TA = -20°C
NIb, TA = 25°C
NIb, TA = 50°C
NIb, TA = 70°C
iil352_13
RL - Collector Load Resistor - kΩ
100
10
1
.1
1
10
100
1000
1.0
1.5
2.0
2.5
tpLH
tpHL
TA = 25°C, IF =10mA
VCC = 5 V, Vth = 1.5 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com