Electronic Components Datasheet Search
  English  ▼

X  

IL352 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # IL352
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL352 Datasheet(HTML) 6 Page - Vishay Siliconix

  IL352 Datasheet HTML 1Page - Vishay Siliconix IL352 Datasheet HTML 2Page - Vishay Siliconix IL352 Datasheet HTML 3Page - Vishay Siliconix IL352 Datasheet HTML 4Page - Vishay Siliconix IL352 Datasheet HTML 5Page - Vishay Siliconix IL352 Datasheet HTML 6Page - Vishay Siliconix IL352 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
6
Document Number 83624
Rev. 1.5, 26-Oct-04
IL352
Vishay Semiconductors
Package Dimensions in Inches (mm)
i178011
.346 (8.79)
.326 (8.3)
.224 (5.7)
.216 (5.5)
.230 (5.84)
.224 (5.69)
.091 (2.3)
.083 (2.1)
.016
(.41)
Typ.
.050
(1.27)
Typ.
.040 (1.02)
.036 (.91)
40°
3°–7°
.047 (1.19)
.037 (.94)
.017 (.43)
.013 (.33)
10°
Typ.
All 8 sides
.006
(.15)
Pins
6& 7
.301 (7.65)
.281 (7.14)
ISO Method A
R .010(.25)
.086 (2.18)
.050 (1.27)
.036 (.91)
.014 (.36)
.266 (6.76)
.045 (1.14)
.356 (9.04)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com