Electronic Components Datasheet Search
  English  ▼

X  

216.080 Datasheet(PDF) 2 Page - Littelfuse

Part # 216.080
Description  Axial Lead and Cartridge Fuses - Designed to IEC Standard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

216.080 Datasheet(HTML) 2 Page - Littelfuse

  216.080 Datasheet HTML 1Page - Littelfuse 216.080 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Axial Lead and Cartridge Fuses
416
www .littelfuse .com
5 x 20 mm Fast-Acting Fuse 216 Series
RoHS
®
®
Pb
CURRENT IN AMPERES
0.001
0.01
0.1
0.01
0.1
1
10
100
1000
1
10
100
1000
10000
Average Time Current Curves
0216 000
2
0216.100 XE
1
0216.050 XE
1
to
40
20+0.5
22.5 MAX
5.1+0.6
5.2+0.1
-0.2
5.1+0.6
6.0 MAX
0216010.XE
1
0216001.XE
1
to
0.65*
0.65
40
22.5 MAX
5.8 MAX
All dimensions in mm
Notes:
* Ratings above 6.3A
have 0.8 mm dia lead
1 For RoHS compliant parts
replace XE with XEP
2 For RoHS compliant parts
add suffix 'XP'
Agency Approvals
Agency Approvals
Ampere Range
®
®
Certificate No.
2003010207079960
50mA – 800mA
2002010207007594
1A – 6.3A
Certificate No.
SU05001-2013
1A – 10A
Recognised File No. E10480
Guide No.
JDYX2
File No.
029862
Acc. Class No.
LR1422-30
Licence No.
KM41462
1A – 6.3A
File No.
9848103, 9931059
304518 & 304555
Certificate No.
Cartridge
NBK250702-E10480 A & C
NBK250702-E10480 E
Leaded
NBK250702-E10480 B & D
NBK250702-E10480 F
1A – 10A
50mA – 10A
32mA – 6.3A
50mA – 10A
Designed to IEC Standard



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com