Electronic Components Datasheet Search
  English  ▼

X  

216.080 Datasheet(PDF) 1 Page - Littelfuse

Part # 216.080
Description  Axial Lead and Cartridge Fuses - Designed to IEC Standard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

216.080 Datasheet(HTML) 1 Page - Littelfuse

  216.080 Datasheet HTML 1Page - Littelfuse 216.080 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Axial Lead and Cartridge Fuses
415
www .littelfuse .com
Designed to IEC Standard
5 x 20 mm Fast-Acting Fuse 216 Series
®
®
RoHS
Pb
• Designed to International (IEC) Standards for use globally.
• Meets the IEC 60127-2, Sheet 1 specification for Fast Acting Fuses.
• Available in Cartridge and Axial Lead Form.
• Available in ratings of 0.050 to 10 amperes.
• High breaking capacity.
• RoHS compliant and Lead-Free version available, add XP suffix to
standard catalog number
ELECTRICAL CHARACTERISTICS:
% of Ampere
Ampere
Opening
Rating
Rating
Time
150%
.05 – 6.3
60 minutes, Minimum
8-10
30 minutes, Minimum
210%
.05 – 10
30 minutes, Maximum
275%
.05 – 4
0.01 sec., Min.; 2 sec. Max.
5– 6.3
0.01 sec., Min.; 3 sec. Max.
8-10
0.04 sec., Min.; 20 sec. Max.
400%
.05 – 6.3
.003 sec., Min.; 0.3 sec. Max.
8-10
.01 sec., Min.; 1.0 sec. Max.
1000%
.05 – 6.3
.02 seconds, Maximum
8-10
.03 seconds, Maximum
INTERRUPTING RATING: 1500 amperes @ 250 VAC,
0.7-0.8 power factor.
ORDERING INFORMATION:
RoHS compliant and Lead-Free version available, add XP suffix to
standard catalog number
Cartridge
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I2t
Number
Rating
Rating
Cold Ohms
A2 Sec.
216.050
.050
250
15.90
0.00019
216.063
.063
250
10.45
0.00055
216.080
.080
250
7.89
0.00086
216.100
.100
250
5.42
0.0033
216.125
.125
250
3.68
0.0056
216.160
.160
250
5.20
0.0018
216.200
.200
250
3.35
0.0045
216.250
.250
250
2.35
0.0092
216.315
.315
250
1.85
0.015
216.400
.400
250
1.67
0.028
216.500
.500
250
1.20
0.045
216.630
.630
250
0.790
0.097
216.800
.800
250
0.588
0.18
216 001
1
250
0.228
0.19
216 1.25
1.25
250
0.153
0.49
216 01.6
1.6
250
0.108
1.04
216 002
2
250
0.0770
1.92
216 02.5
2.5
250
0.0575
2.77
216 3.15
3.15
250
0.0333
7.85
216 004
4
250
0.0243
15.4
216 005
5
250
0.0168
28.2
216 06.3
6.3
250
0.0125
57.9
216 008
8*
250
0.0120
66.1
216 010
10*
250
0.00775
158.5
ENVIRONMENTAL SPECIFICATIONS:
Operating temperature: -55˚C to 125˚C
Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles –65°C to +125°C)
Vibration: MIL-STD-202F Method 201A
Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative
humidity (95%) and elevated temperature (40°C) for 240 hours.
Salt Spray: MIL-STD-202F Method 101D, Test Condition B
PHYSICAL SPECIFICATIONS:
Material: Body: Ceramic
Cap: Nickel Plated Brass
Leads: Tin Plated Copper
Filler
Sand (160mA – 10A)
Terminal Strength: MIL-STD-202F Method 211A,
Test Condition A
Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A
Product Marking: Cap 1: current and voltage rating.
Cap 2: Agency approval markings.
Packaging: Available in Bulk (v=5, H=100, M=1000 pcs/pkg) or on
Tape/Reel (MRET1=1000 pcs/reel).
11


Similar Part No. - 216.080

ManufacturerPart #DatasheetDescription
logo
Littelfuse
216.080 LITTELFUSE-216.080 Datasheet
90Kb / 1P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
216.080P LITTELFUSE-216.080P Datasheet
218Kb / 2P
Designed to International Standards for use globally
More results

Similar Description - 216.080

ManufacturerPart #DatasheetDescription
logo
Littelfuse
215.200 LITTELFUSE-215.200 Datasheet
125Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
217.032 LITTELFUSE-217.032 Datasheet
133Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
218.032 LITTELFUSE-218.032 Datasheet
234Kb / 4P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
0219.125A LITTELFUSE-0219.125A Datasheet
130Kb / 2P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
226 LITTELFUSE-226 Datasheet
90Kb / 1P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
227 LITTELFUSE-227 Datasheet
96Kb / 1P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
232 LITTELFUSE-232 Datasheet
124Kb / 2P
Axial Lead and Cartridge Fuses - Designed to METI Standard
239 LITTELFUSE-239 Datasheet
162Kb / 2P
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com