Electronic Components Datasheet Search
  English  ▼

X  

SL2S1502 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SL2S1502
Description  ICODE ILT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S1502 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SL2S1502 Datasheet HTML 5Page - NXP Semiconductors SL2S1502 Datasheet HTML 6Page - NXP Semiconductors SL2S1502 Datasheet HTML 7Page - NXP Semiconductors SL2S1502 Datasheet HTML 8Page - NXP Semiconductors SL2S1502 Datasheet HTML 9Page - NXP Semiconductors SL2S1502 Datasheet HTML 10Page - NXP Semiconductors SL2S1502 Datasheet HTML 11Page - NXP Semiconductors SL2S1502 Datasheet HTML 12Page - NXP Semiconductors SL2S1502 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
NXP Semiconductors
SL2S1402_SL2S1502_SL2S1602
ICODE ILT
SL2S1402_SL2S1502_SL2S1602
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 15 October 2019
COMPANY PUBLIC
234333
9 / 33
8 Mechanical specification
8.1 Wafer specification
See Ref. 13 "General specification for 8" wafer on UV-tape with electronic fail die
marking".
Table 4. Wafer specification
Wafer
Designation
each wafer is inscribed with batch number and wafer number
Diameter
200 mm (8 inches)
Thickness
SL2S1402FUD/
SL2S1502FUD/
SL2S1602FUD
120 μm ± 15 μm
SL2S1402FUF/SL2S1502FUF 75 μm ± 15 μm
Process
CMOS 0.14 μm
Batch size
25 wafers
Dies per wafer
SL2S1402FUx/SL2S1502FUx 110050
SL2S1602FUD
88225
Wafer backside
Material
Si
Treatment
ground and stress release
Ra minimum = 0.5 μm
Roughness
Rt maximum = 5 μm
Chip dimensions
Die size without scribe
SL2S1402FUx/SL2S1502FUx 520 μm × 484 μm = 251680 μm2
SL2S1602FUD
520 μm × 607 μm = 315640 μm2
Scribe line width
X-dimension
15 μm (scribe line width measured between nitride edges)
Y-dimension
15 μm (scribe line width measured between nitride edges)
Number of pads
4
Pad location
non-diagonal/placed in chip corners
Distance pad to pad LA to LB
400 μm
Distance pad to pad LB to TEST
SL2S1402FUx/SL2S1502FUx 360 μm
SL2S1602FUD
517 μm
Passivation on front



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com