Electronic Components Datasheet Search
  English  ▼

X  

TSC51C1 Datasheet(PDF) 21 Page - TEMIC Semiconductors

Part # TSC51C1
Description  8-Bit Microcontroller for Digital Computer Monitors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC51C1 Datasheet(HTML) 21 Page - TEMIC Semiconductors

Back Button TSC51C1 Datasheet HTML 17Page - TEMIC Semiconductors TSC51C1 Datasheet HTML 18Page - TEMIC Semiconductors TSC51C1 Datasheet HTML 19Page - TEMIC Semiconductors TSC51C1 Datasheet HTML 20Page - TEMIC Semiconductors TSC51C1 Datasheet HTML 21Page - TEMIC Semiconductors TSC51C1 Datasheet HTML 22Page - TEMIC Semiconductors TSC51C1 Datasheet HTML 23Page - TEMIC Semiconductors TSC51C1 Datasheet HTML 24Page - TEMIC Semiconductors TSC51C1 Datasheet HTML 25Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
TSC8051C1
Rev. D (14 Jan. 97)
21
MATRA MHS
Table 7. Status for master transmitter mode.
Status code
Status of I2C bus and SIO1 hardware
08h
A START condition has been transmitted.
10h
A repeated START condition has been
transmitted
18h
SLA+W has been transmitted; ACK has been
received.
20h
SLA+W has been transmitted; NOT ACK has
been received.
28h
Data byte has been transmitted; ACK has been
received.
30h
Data byte has been transmitted; NOT ACK has
been received.
38h
Arbitration lost in SLA+R/W or data bytes.
Table 8. Status for master receiver mode
Status code
Status of I2C bus and SIO1 hardware
08h
A START condition has been transmitted.
10h
A repeated START condition has been
transmitted.
38h
Arbitration lost in NOT ACK bit
40h
SLA+R has been transmitted; ACK has been
received.
48h
SLA+R has been transmitted; NOT ACK has
been received.
50h
Data byte has been received; ACK has been
received.
58h
Data byte has been received; NOT ACK has
been received.
Table 9. Status for miscellaneous states
Status code
Status of I2C bus and SIO1 hardware
00h
Bus error.
F8h
No relevant state information available.
S1DAT contains a byte of serial data to be transmitted or
a byte which has just been received. It is addressable
while it is not in process of shifting a byte. This occurs
when SIO1 is in a defined state and the serial interrupt
flag is set. Data in S1DAT remains stable as long as SI
is set. While data is being shifted out, data on the bus is
simultaneously shifted in; S1DAT always contains the
last byte present on the bus.
S1DAT: Synchronous Serial Data Register
MSB
SFR DAh
LSB
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
Symbol
Position
Name and Function
SD0
S1DAT.0
Address bit 0 (R/W) or Data bit 0.
SDX
S1DAT.X
Address bit X or Data bit X.
S1DAT is a read/write register. Its value after reset is
00h.
S1DAT is using TSC8051C1 Special Function Register
address, DAh.
When SIO1 is enabled, P3.6 and P3.7 must be set to 1 to
avoid low level asserting on SCL or SDA lines.
When SIO1 is used, external data memory access is not
available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com