Electronic Components Datasheet Search
  English  ▼

X  

BISR2FX Datasheet(PDF) 1 Page - Hubbell Incorporated.

Part # BISR2FX
Description  UNITAP, Tap- Same Sided Entry, #14-#2/0 Class B & C, #14-#1 ClassG,H,I,K, DLO, Aluminum.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

BISR2FX Datasheet(HTML) 1 Page - Hubbell Incorporated.

  BISR2FX Datasheet HTML 1Page - Hubbell Incorporated. BISR2FX Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Application
Tap connections and in-line splice/reductions are made quickly and easily
with the UNITAP™ line of connectors
Color Code
Brown
Hex Key
5/32 in
Installation Torque Recommended in-lb
100 in-lb
Insulation
Y
Insulation Type
Plastisol
Material
Aluminum
Number Of Ports
2
Plated
Y
Plating Type
Tin Plated Aluminum
Sub Brand
UNITAP
Temperature Rating
135 °C
Trade Name
UNITAP™
Type
BISR,Multi-Port
UPC
621945439962
UPC 12 Digit
6219454399622
Dimensions
Dimension - Height inch
1.22 in
Dimension - L Length Overall mm
60.45 mm
Dimension - Length Overall inch
2.38 in
Dimension - Width inch
0.75 in
Dimension - Width mm
19.05 mm
Electrical Ratings
Operating Voltage
600 V
Rating - Minimum Voltage
600
Conductor Related
Conductor - Copper DLO Size Range
14- 2 Str
Conductor - Copper Flex G Size Range
14 - 2 Str
Conductor - Copper Flex H Size Range
14- 2 Str
Conductor - Copper Flex I Size Range
14- 2 Str
Conductor - Copper Flex K Size Range
14- 2 Str
Conductor - Copper Str Size Range
14- 2 Str
Conductor Type
AL C Str-Size
CU C Str-Size
CU C Flex-Size
Certifications and Compliance
Certification - CSA Approved
Yes
Industry Standard(s)
UL 486A-486B
Standards - Industry Standards Met
UL 486A-486B
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
1
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
BISR2FX
by Burndy
Catalog ID: BISR2FX
Prop 65 Notice
UNITAP, Tap- Same Sided Entry, #14-#2/0 Class B & C, #14-#1 ClassG,H,I,K,
DLO, Aluminum.
Features: Clear Plastisol covered AL6061-T6 aluminum body, Saves time,
lowers installation costs, eliminates taping, Oxide inhibitor pre-installed,
Inhibits moisture and contaminants from entering the contact area


Similar Part No. - BISR2FX

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BISR2 HUBBELL-BISR2 Datasheet
266Kb / 2P
Aluminum In-Line Splice, 14-2 AWG.
BISR250 HUBBELL-BISR250 Datasheet
266Kb / 2P
Aluminum In-Line Splice, 10 AWG-250 kcmil.
BISR250DB HUBBELL-BISR250DB Datasheet
268Kb / 2P
In-Line Splice/Reducer, 2 Port, 4/0 AWG-250 kcmil, Al/Cu Rated.
BISR250DBRK HUBBELL-BISR250DBRK Datasheet
266Kb / 2P
Multi Tap Connector, UNITAP??Wire Range:4/0 AWG-250 kcmil,Torque:360in-lbs
BISR250FX HUBBELL-BISR250FX Datasheet
264Kb / 2P
UNITAP, In-Line Splice Reducer, #6-500 Class B & C, #6-373 ClassG,H,I,K, DLO, Aluminum.
More results

Similar Description - BISR2FX

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
BIBD42FX HUBBELL-BIBD42FX Datasheet
262Kb / 2P
UNITAP, Single Sided Entry, #14-2/0 Class B & C ,#14-#1 Class G,H,I,K, DLO, Aluminum.
BIBD2503FX HUBBELL-BIBD2503FX Datasheet
261Kb / 2P
UNITAP, double Sided Entry, #14-#4 Class B & C ,#14-#6 Class G,H,I,K, DLO, Aluminum.
BIBD2504FX HUBBELL-BIBD2504FX Datasheet
262Kb / 2P
UNITAP, double Sided Entry, #14 - 2/0 Class B & C ,#14 - #1 Class G,H,I,K, DLO, Aluminum.
BIBS43FX HUBBELL-BIBS43FX Datasheet
264Kb / 2P
UNITAP, In-Line Splice Reducer, #14-#1/0 Class B & C, #14-#1 ClassG,H,I,K, DLO, Aluminum.
BISR10FX HUBBELL-BISR10FX Datasheet
264Kb / 2P
UNITAP, In-Line Splice Reducer, #14-#2 Class B & C, #14-#2 ClassG,H,I,K, DLO, Aluminum.
BISR500FX HUBBELL-BISR500FX Datasheet
265Kb / 2P
UNITAP, Tap- Same Sided Entry, #10-250 Class B & C, #10-3/0 ClassG,H,I,K, DLO, Aluminum.
BIT4FX HUBBELL-BIT4FX Datasheet
263Kb / 2P
UNITAP, Tap- Opposite Sided Entry, #14-2/0 Class B & C, #14-#1 ClassG,H,I,K, DLO, Aluminum.
BIT20FX HUBBELL-BIT20FX Datasheet
264Kb / 2P
UNITAP, Tap- Same Sided Entry,#10-350Class B & C, #14-250 ClassG,H,I,K, DLO, A luminum.
BIT250FX HUBBELL-BIT250FX Datasheet
264Kb / 2P
UNITAP, Tap- Same Sided Entry, #14-#4 Class B & C, #14-#6 ClassG,H,I,K, DLO, Aluminum.
BIT350FX HUBBELL-BIT350FX Datasheet
264Kb / 2P
UNITAP, Tap- Same Sided Entry, #4-600 Class B & C, #4-373 ClassG,H,I,K, DLO, Aluminum.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com