Electronic Components Datasheet Search
  English  ▼

X  

BISR2FX Datasheet(PDF) 2 Page - Hubbell Incorporated.

Part # BISR2FX
Description  UNITAP, Tap- Same Sided Entry, #14-#2/0 Class B & C, #14-#1 ClassG,H,I,K, DLO, Aluminum.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

BISR2FX Datasheet(HTML) 2 Page - Hubbell Incorporated.

  BISR2FX Datasheet HTML 1Page - Hubbell Incorporated. BISR2FX Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Details
General
Application
Tap connections and in-line splice/reductions are made quickly and easily
with the UNITAP™ line of connectors
Color Code
Brown
Hex Key
5/32 in
Installation Torque Recommended in-lb
100 in-lb
Insulation
Y
Insulation Type
Plastisol
Material
Aluminum
Number Of Ports
2
Plated
Y
Plating Type
Tin Plated Aluminum
Sub Brand
UNITAP
Temperature Rating
135 °C
Trade Name
UNITAP™
Type
BISR,Multi-Port
UPC
621945439962
UPC 12 Digit
6219454399622
Dimensions
Dimension - Height inch
1.22 in
Dimension - L Length Overall mm
60.45 mm
Dimension - Length Overall inch
2.38 in
Dimension - Width inch
0.75 in
Dimension - Width mm
19.05 mm
Electrical Ratings
Operating Voltage
600 V
Rating - Minimum Voltage
600
Conductor Related
Conductor - Copper DLO Size Range
14- 2 Str
Conductor - Copper Flex G Size Range
14 - 2 Str
Conductor - Copper Flex H Size Range
14- 2 Str
Conductor - Copper Flex I Size Range
14- 2 Str
Conductor - Copper Flex K Size Range
14- 2 Str
Conductor - Copper Str Size Range
14- 2 Str
Conductor Type
AL C Str-Size
CU C Str-Size
CU C Flex-Size
Certifications and Compliance
Certification - CSA Approved
Yes
Industry Standard(s)
UL 486A-486B
Standards - Industry Standards Met
UL 486A-486B
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
1
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
BISR2FX
by Burndy
Catalog ID: BISR2FX
Prop 65 Notice
UNITAP, Tap- Same Sided Entry, #14-#2/0 Class B & C, #14-#1 ClassG,H,I,K,
DLO, Aluminum.
Features: Clear Plastisol covered AL6061-T6 aluminum body, Saves time,
lowers installation costs, eliminates taping, Oxide inhibitor pre-installed,
Inhibits moisture and contaminants from entering the contact area



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com