Electronic Components Datasheet Search
  English  ▼

X  

KMI17/4 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # KMI17/4
Description  Rotational speed sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMI17/4 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button KMI17/4 Datasheet HTML 4Page - NXP Semiconductors KMI17/4 Datasheet HTML 5Page - NXP Semiconductors KMI17/4 Datasheet HTML 6Page - NXP Semiconductors KMI17/4 Datasheet HTML 7Page - NXP Semiconductors KMI17/4 Datasheet HTML 8Page - NXP Semiconductors KMI17/4 Datasheet HTML 9Page - NXP Semiconductors KMI17/4 Datasheet HTML 10Page - NXP Semiconductors KMI17/4 Datasheet HTML 11Page - NXP Semiconductors KMI17/4 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
KMI17_4
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 1 September 2014
8 of 16
NXP Semiconductors
KMI17/4
Rotational speed sensor
[1]
Once VCC has exceeded VCC(swon), the sensor switches on and current levels and current ratios are maintained until VCC falls below
VCC(swoff).
[2]
After supplying more than VCC(swon) to the device, it needs a turn-on delay time of td(on) to reach stable operation. A stable supply current
indicates stable operation.
[3]
Module m of the gear wheel is defined as the ratio of outer diameter D and number of teeth N: m = D/N.
[4]
RMS value measured as spread of the delay between zero-crossing of the magnetic field and output of the associated speed pulse.
Extra jitter is possible due to disturbances on the supply line and other non-ideal conditions.
Period jitter with ideal ferromagnetic encoder with a module[3] of 2.1 mm minimum and track width = 10 mm. The sensor
reading point is located within a distance x of
1 mm next to the center of the encoder track; see Figure 6
(T)
period jitter
low-field; RMS value;
due to noise at large air
gaps; H in y direction
=500 A/m
[4] --0.5
%
high-field; RMS value;
due to noise; H in
y direction = 2500 A/m;
fo < 2.5 kHz
[4] --0.1
%
Air gap with ideal ferromagnetic encoder with a module[3] of 2.1 mm minimum and track width = 10 mm. The sensor reading
point is located within a distance x of
1 mm next to the center of the encoder track; see Figure 6
dST
start-up air gap of encoder wheel
to sensor surface
after power-on;
at start-up of encoder
wheel
0.5
-
2.4
mm
d
air gap of encoder wheel to
sensor surface
in normal mode after
10 wheel rotations
0.5
-
2.8
mm
Customer Production Test Mode (CPTM)
VCC(zo)
zero offset supply voltage
Heq =0A/m
16
15.5
15
V
ICCL
LOW-level supply current
4.0
3.5
-
mA
ICCH
HIGH-level supply current
8.4
7
6.02
mA
H/V
CC
magnetic field strength variation
with supply voltage
see Figure 5
50
52
56
(A/m)/V
Table 6.
Characteristics …continued
Characteristics are valid for the operating conditions specified in Section 7; voltages are referred to pin GND; unless
otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fig 6.
Sensor positioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com