Electronic Components Datasheet Search
  English  ▼

X  

1717153 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1717153
Description  PCH 6/ 56-GL5-7,62
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1717153 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1717153 Datasheet HTML 1Page - PHOENIX CONTACT 1717153 Datasheet HTML 2Page - PHOENIX CONTACT 1717153 Datasheet HTML 3Page - PHOENIX CONTACT 1717153 Datasheet HTML 4Page - PHOENIX CONTACT 1717153 Datasheet HTML 5Page - PHOENIX CONTACT 1717153 Datasheet HTML 6Page - PHOENIX CONTACT 1717153 Datasheet HTML 7Page - PHOENIX CONTACT 1717153 Datasheet HTML 8Page - PHOENIX CONTACT 1717153 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PCB hybrid header
Order No.: 1717153
Type: PCH 6/ 5+6-GL5-7,62
Data sheet
1
Main features
2
Your advantages
 No. of pos.
11
 Nominal current
41 A
 Nominal cross section
6 mm²
 Nominal voltage
630 V
 Color
green (6021)
 Connection direction
0 °
 Pitch
7.62 mm
 Type of packaging
packed in cardboard
 Mounting type
Wave soldering
Combining signals and power in a single header saves time and space
Easy PCB replacement thanks to plug-in modules
Well-known mounting principle allows worldwide use
Make sure you always use the latest documentation.
It can be downloaded at: phoenixcontact.net/product/1717153
2019-03-15
Product version 01
Figure shows a 5+6-pos. version with locking
flange at position 5
Document revision 00


Similar Part No. - 1717153

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1717151 PHOENIX-1717151 Datasheet
390Kb / 13P
PCH 6/ 54-GL5-7,62
More results

Similar Description - 1717153

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1717104 PHOENIX-1717104 Datasheet
343Kb / 13P
PCH 6/ 36-G-7,62
1717106 PHOENIX-1717106 Datasheet
353Kb / 13P
PCH 6/ 46-G-7,62
1717108 PHOENIX-1717108 Datasheet
351Kb / 13P
PCH 6/ 54-G-7,62
1717109 PHOENIX-1717109 Datasheet
361Kb / 13P
PCH 6/ 56-G-7,62
1717120 PHOENIX-1717120 Datasheet
354Kb / 13P
PCH 6/ 36-GL3-7,62
1717138 PHOENIX-1717138 Datasheet
391Kb / 13P
PCH 6/ 46-GL4-7,62
1717151 PHOENIX-1717151 Datasheet
390Kb / 13P
PCH 6/ 54-GL5-7,62
1192617 PHOENIX-1192617 Datasheet
452Kb / 11P
PCB header - PCH 6/ 54-GL5-7,62 P26THR
Jul 20, 2022
1192644 PHOENIX-1192644 Datasheet
451Kb / 11P
PCB header - PCH 6/ 56-GL5-7,62 P26THR
Jul 20, 2022
1192670 PHOENIX-1192670 Datasheet
452Kb / 11P
PCB header - PCH 6/ 56-G-7,62 P26THR
Jul 20, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com