Electronic Components Datasheet Search
  English  ▼

X  

1717153 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1717153
Description  PCH 6/ 56-GL5-7,62
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1717153 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1717153 Datasheet HTML 5Page - PHOENIX CONTACT 1717153 Datasheet HTML 6Page - PHOENIX CONTACT 1717153 Datasheet HTML 7Page - PHOENIX CONTACT 1717153 Datasheet HTML 8Page - PHOENIX CONTACT 1717153 Datasheet HTML 9Page - PHOENIX CONTACT 1717153 Datasheet HTML 10Page - PHOENIX CONTACT 1717153 Datasheet HTML 11Page - PHOENIX CONTACT 1717153 Datasheet HTML 12Page - PHOENIX CONTACT 1717153 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
REF 1717119
PHOENIX CONTACT 13 / 13
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
phoenixcontact.com
1717153 PCH 6/ 5+6-GL5-7,62
2019-03-15
Product version 01
Document revision 00
17
Combination tests
PCH 6/..-GL
LPCH 6/..-STL3
IEC 61984
IEC 61984
Mechanical tests (A)
Insertion/withdrawal force per position
approx. 7 N / 4 N
Polarization when inserted
Requirement >20 N
Test passed
Contact holder in insert
Requirements >20 N
Test passed
Durability tests (B)
Contact resistance R
1
0.42 mΩ
Insertion/withdrawal cycles
25
Contact resistance R
2
0.46 mΩ
Rated impulse voltage at sea level
Voltage waveform ≥ (1.2/50 μs)
7.3 kV
Power-frequency withstand voltage
Voltage waveform ≥ (50/60 Hz)
3.31 kV
Thermal tests (C)
Tested number of positions
4
Tested conductor cross section
6 mm²
Test current
41 A
Upper limiting temperature
Requirements < 100°C
Test passed
Climatic tests (D)
Test sequence 1: low temperature storage
-40 °C/2 h
Test sequence 2: heat storage
100 °C/168 h
Test sequence 3: noxious gas storage
(ISO 6988)
0.2 dm
3
SO
2 on 300 dm
3
/
40 °C/1 cycle
Rated impulse voltage at sea level
Voltage waveform ≥ (1.2/50 μs)
7.3 kV
Power-frequency withstand voltage
Voltage waveform ≥ (50/60 Hz)
3.31 kV
Environmental and endurance tests (E)
Specification
IEC 61984:2008-10
Degree of protection
Back of hand safety with
IP10 access probe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com