Electronic Components Datasheet Search
  English  ▼

X  

MMA6525KW Datasheet(PDF) 49 Page - NXP Semiconductors

Part # MMA6525KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA6525KW Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button MMA6525KW Datasheet HTML 45Page - NXP Semiconductors MMA6525KW Datasheet HTML 46Page - NXP Semiconductors MMA6525KW Datasheet HTML 47Page - NXP Semiconductors MMA6525KW Datasheet HTML 48Page - NXP Semiconductors MMA6525KW Datasheet HTML 49Page - NXP Semiconductors MMA6525KW Datasheet HTML 50Page - NXP Semiconductors MMA6525KW Datasheet HTML 51Page - NXP Semiconductors MMA6525KW Datasheet HTML 52Page - NXP Semiconductors MMA6525KW Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
Sensor
Freescale Semiconductor, Inc.
49
MMA65xx
4.4
Register Access Operations
Two types of register access operations are supported; register write, and register read. Register access operations are initi-
ated when the acceleration bit (A) of the command message is set to a logic ‘0’. The operation to be performed is indicated by
the Access Selection bit (AX) of the command message.
Register Access operations include a parity bit (P). Odd parity is employed. The number of logic ‘1’ bits in the Register Access
operation must be an odd number.
4.4.1
Register Write Request
During a register write request, bits 12 through 8 contain a five-bit address, and bits 7 through 0 contain the data value to be
written. Writable registers are defined in Table 3.
The response to a register write operation is shown in Table 30. The response is transmitted on the next SPI message if and
only if all of the following conditions are met:
•
No SPI Error is detected (Reference Section 4.5.1)
•
No MISO Error is detected (Reference Section 4.5.2)
•
The ENDINIT bit is cleared (Reference Section 3.1.6.3)
– This applies to all registers with the exception of the DEVCTL register (Only Bits 6 and 7 can be modified)
•
No Invalid Register Request is detected (Reference Section 4.5.3.2)
If the above conditions are met, the device responds to the register write request as shown in Table 30. Otherwise, the device
Responds as specified in Section 4.5.
Register write operations do not occur internally until the transfer during which they are requested has been completed. In the
event that a SPI Error is detected during a register write transfer, the write operation is not completed.
4.4.2
Register Read Request
During a register read request, bits 12 through 8 contain the five-bit address for the register to be read. Bits 7 through 0 must
be logic ‘0’. Readable registers are defined in Table 3.
The response to a register read operation is shown in Table 30. The response is transmitted on the next SPI message if and
only if all of the following conditions are met:
•
No SPI Error is detected (Reference Section 4.5.1)
•
No MISO Error is detected (Reference Section 4.5.2)
•
No Invalid Register Request is detected (Reference Section 4.5.3.2)
If the above conditions are met, the device responds to the register read request as shown in Table 30. Otherwise, the device
responds as specified in Section 4.5.
Access Selection Bit (AX)
Operation
0
Register Read
1
Register Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com