Electronic Components Datasheet Search
  English  ▼

X  

MMA6525KW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MMA6525KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMA6525KW Datasheet(HTML) 5 Page - NXP Semiconductors

  MMA6525KW Datasheet HTML 1Page - NXP Semiconductors MMA6525KW Datasheet HTML 2Page - NXP Semiconductors MMA6525KW Datasheet HTML 3Page - NXP Semiconductors MMA6525KW Datasheet HTML 4Page - NXP Semiconductors MMA6525KW Datasheet HTML 5Page - NXP Semiconductors MMA6525KW Datasheet HTML 6Page - NXP Semiconductors MMA6525KW Datasheet HTML 7Page - NXP Semiconductors MMA6525KW Datasheet HTML 8Page - NXP Semiconductors MMA6525KW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
Sensor
Freescale Semiconductor, Inc.
5
MMA65xx
2
Electrical Characteristics
2.1
Maximum Ratings
Maximum ratings are the extreme limits to which the device can be exposed without permanently damaging it.
2.2
Operating Range
The operating ratings are the limits normally expected in the application and define the range of operation.
#
Rating
Symbol
Value
Unit
1
Supply Voltage
VCC
-0.3 to +7.0
V(3)
2
VREG, VREGA
VREG
-0.3 to +3.0
V(3)
3
SCLK, CS, MOSI,VPP/TEST
VIN
-0.3 to VCC + 0.3
V(3)
4
ARM_X, ARM_Y
VIN
-0.3 to VCC + 0.3
V(3)
5
MISO (high impedance state)
VIN
-0.3 to VCC + 0.3
V(3)
6
Powered Shock (six sides, 0.5 ms duration)
gpms
±1500
g
(5,18)
7
Unpowered Shock (six sides, 0.5 ms duration)
gshock
±2000
g
(5,18)
8
Drop Shock (to concrete surface)
hDROP
1.2
m(5)
9
10
11
Electrostatic Discharge
Human Body Model (HBM)
Charge Device Model (CDM)
Machine Model (MM)
VESD
VESD
VESD
±2000
±750
±200
V
V
V
(5)
(5)
(5)
12
Storage Temperature Range
Tstg
-40 to +125
°C
(5)
13
Thermal Resistance - Junction to Case
qJC
2.5
°C/W
(14)
#
Characteristic
Symbol
Min
Typ
Max
Units
14
15
Supply Voltage
Standard Operating Voltage, 3.3V
Standard Operating Voltage, 5.0V
VCC
VL
+3.135
VTYP
+3.3
+5.0
VH
+5.25
V
V
(15)
(15)
16
Operating Ambient Temperature Range
Verified by 100% Final Test
TA
TL
-40
—
TH
+105
C
(1)
17
Power-on Ramp Rate (VCC)
VCC_r
0.000033
—
3300
V/
μs
(19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com