Electronic Components Datasheet Search
  English  ▼

X  

YMU757B Datasheet(PDF) 21 Page - YAMAHA CORPORATION

Part # YMU757B
Description  MA-1C
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMU757B Datasheet(HTML) 21 Page - YAMAHA CORPORATION

Back Button YMU757B Datasheet HTML 17Page - YAMAHA CORPORATION YMU757B Datasheet HTML 18Page - YAMAHA CORPORATION YMU757B Datasheet HTML 19Page - YAMAHA CORPORATION YMU757B Datasheet HTML 20Page - YAMAHA CORPORATION YMU757B Datasheet HTML 21Page - YAMAHA CORPORATION YMU757B Datasheet HTML 22Page - YAMAHA CORPORATION YMU757B Datasheet HTML 23Page - YAMAHA CORPORATION YMU757B Datasheet HTML 24Page - YAMAHA CORPORATION YMU757B Datasheet HTML 25Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
YMU757B
-21-
Power-down control division diagram
As for the power-down, it is possible to divide an inside function separately and to control it.
The power-down is controlled by Index 38h.
Explanation of each bit
DP
It is the bit to make the power-down whole of the digital department.
Because clock to move inside stops consumption electric current of the digital part can be restrained in minimum.
Data on FIFO are cleared though contents of a register are held.
AP1
It is the bit that the power-down a VREF circuit decline.
If AP1 is set to “1”, the whole of the analog part stops. Because an analog center voltage is made by VREF circuit.
AP2
It is the bit to make power-down FM volume part, EQ circuit, speaker volume, and non-reversal amplifier side of
speaker output part.
SYNC
SDIN
SCLK
/RST
/IRQ
EQ1
VREF
Serial
I/F
VOL
32step
Register
RAM
FM
Synthesizer
4 sounds
generated
simultaneously
DAC
AMP
Timing Generator
VOL
32step
FIFO
16b x 32w
EQ
EQ2
EQ3
SPOUT
SPOUT
VREF
Controlled by
using DP bit
Controlled by
using AP4 bit
Controlled by
using AP3 bit
Controlled by
using AP1 bit
Controlled by
using AP2 bit
VOL
32step
SPVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com