Electronic Components Datasheet Search
  English  ▼

X  

YMU757B Datasheet(PDF) 39 Page - YAMAHA CORPORATION

Part # YMU757B
Description  MA-1C
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YMU757B Datasheet(HTML) 39 Page - YAMAHA CORPORATION

Back Button YMU757B Datasheet HTML 35Page - YAMAHA CORPORATION YMU757B Datasheet HTML 36Page - YAMAHA CORPORATION YMU757B Datasheet HTML 37Page - YAMAHA CORPORATION YMU757B Datasheet HTML 38Page - YAMAHA CORPORATION YMU757B Datasheet HTML 39Page - YAMAHA CORPORATION YMU757B Datasheet HTML 40Page - YAMAHA CORPORATION YMU757B Datasheet HTML 41Page - YAMAHA CORPORATION YMU757B Datasheet HTML 42Page - YAMAHA CORPORATION YMU757B Datasheet HTML 43Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
YMU757B
-39-
FM Volume
Parameter
Min
Typ
Max
Unit
Volume setting range
-30
0
dB
Volume step width
1
dB
Noise level (no signal, f= 400Hz - 20kHz)
-90
dBv
Maximum output current
120
µ
A
Full-scale analog output
1.5
Vp-p
Output impedance
300
600
Ω
PSRR
(f=1kHz)
36
dB
Note) T
OP=25°C, DVDD = AVDD = 3.0V
HP Volume
Parameter
Min
Typ
Max
Unit
Volume setting range
-30
0
dB
Volume step width
1
dB
Noise level (no signal, f= 400Hz - 20kHz)
-90
dBv
Maximum output current
120
µ
A
Full-scale analog output
1.5
Vp-p
Output impedance
300
600
Ω
PSRR
(f=1kHz)
36
dB
Note) T
OP=25°C, DVDD = AVDD = 3.0V
VREF
Parameter
Min
Typ
Max
Unit
VREF voltage
1.4
1.5
1.6
V
Note) T
OP=25°C, DVDD = AVDD = 3.0V
DAC
Parameter
Min
Typ
Max
Unit
Resolution
12
Bit
Full-scale analog output (*)
1.5
Vp-p
THD+N
(f= 1kHz)
0.5
%
Noise level (no signal, f=400Hz - 20kHz)
-90
dBv
Frequency characteristic (f=50Hz - 20kHz)
-0.5
+0.5
dB
Note) T
OP=25°C, DVDD = AVDD = 3.0V
* When it was made to pronounce FM 4 sound at the same time in the same phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com