Electronic Components Datasheet Search
  English  ▼

X  

SP712 Datasheet(PDF) 5 Page - Littelfuse

Part # SP712
Description  640W Asymmetrical TVS Diode Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP712 Datasheet(HTML) 5 Page - Littelfuse

  SP712 Datasheet HTML 1Page - Littelfuse SP712 Datasheet HTML 2Page - Littelfuse SP712 Datasheet HTML 3Page - Littelfuse SP712 Datasheet HTML 4Page - Littelfuse SP712 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TVS Diode Arrays (SPA®Diodes)
TVS Diode Arrays (SPA® Diodes)
General Purpose ESD Protection - SP712
GENERAL INFORMATION
1. 3000 PIECES PER REEL.
2. ORDER IN MULTIPLES OF FULL REELS ONLY.
3. MEETS EIA-481 REVISION "A" SPECIFICATIONS.
COVER TAPE
USER DIRECTION OF FEED
PIN 1
SOT23-3 (8mm POCKET PITCH)
8.4mm
180mm
14.4mm
13mm
60mm
ACCESS HOLE
8mm TAPE AND REEL
Embossed Carrier Tape & Reel Specification — SOT23-3
Symbol
Millimeters
Inches
Min
Max
Min
Max
E
1.65
1.85
0.065
0.073
F
3.40
3.60
0.134
0.142
P2
1.90
2.10
0.075
0.083
D
1.40
1.60
0.055
0.063
P0
3.90
4.10
0.154
0.161
W
7.70
8.30
0.303
0.327
P
3.90
4.10
0.154
0.161
A0
3.05
3.25
0.120
0.128
B0
2.67
2.87
0.105
0.113
K0
1.12
1.32
0.044
0.052
t
0.22
0.24
0.009
0.009
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and
test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications.
Read complete Disclaimer Notice at http://www.littelfuse.com/disclaimer-electronics.
D
e
e1
b x 3
Pin1
Top View
Side View
Side View
0.60
Recommended soldering pad layout (unit :mm)
Detail A
Detail A
L
1.30
2.50
Drawing# : H03-B
Package
SOT23-3
Pins
3
JEDEC
TO-236
Millimeters
Inches
Min
Max
Min
Max
A
0.90
1.15
0.035
0.045
A1
0.00
0.10
0.000
0.004
b
0.30
0.51
0.012
0.020
c
0.08
0.20
0.003
0.008
D
2.80
3.04
0.110
0.120
E
2.10
2.64
0.083
0.104
E1
1.20
1.40
0.047
0.055
e
0.95 BSC
0.038 BSC
e1
1.90 BSC
0.075 BSC
L
0.30
0.55
0.012
0.022
L1
0.25 BSC
0.010 BSC
θ
0°
8°
0°
8°
Package Dimensions — SOT23-3
©2020 Littelfuse, Inc.
Specifications are subject to change without notice.
Revision: 01/13/20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com