Electronic Components Datasheet Search
  English  ▼

X  

SP712 Datasheet(PDF) 1 Page - Littelfuse

Part # SP712
Description  640W Asymmetrical TVS Diode Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP712 Datasheet(HTML) 1 Page - Littelfuse

  SP712 Datasheet HTML 1Page - Littelfuse SP712 Datasheet HTML 2Page - Littelfuse SP712 Datasheet HTML 3Page - Littelfuse SP712 Datasheet HTML 4Page - Littelfuse SP712 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TVS Diode Arrays (SPA®Diodes)
TVS Diode Arrays (SPA® Diodes)
General Purpose ESD Protection - SP712
Description
Applications
The SP712 TVS Diode Array is designed to protect RS-485
applications with asymmetrical working voltages (-7V to
12V) from damage due to electrostatic discharge (ESD),
electrical fast transients (EFT), and lightning induced surges.
The SP712 can absorb repetitive ESD strikes above the
maximum level specified in IEC 61000-4-2 international
standard without performance degradation and safely
dissipate up to 20A of 8/20us induced surge current (IEC
61000-4-5) with very low clamping voltages.
Features
• ESD, IEC 61000-4-2,
±30kV contact, ±30kV air
• EFT, IEC 61000-4-4, 50A
(5/50ns)
• Lightning, IEC 61000-
4-5 2nd edition, 20A
(t
P=8/20μs)
• Working Voltages: -7V to
12V
• Low clamping voltage
• Low leakage current
• Halogen free, Lead free
and RoHS compliant
• Moisture Sensitivity
Level(MSL -1)
• AEC-Q101 qualified
• RS-485
• Fieldbus
• Modbus
• Profibus
• DMX512
• Security Systems
• Automated Teller
Machines (ATMs)
• Lighting Control - DALI
• Communication
Equipments
Pinout and Functional Block Diagram
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
©2020 Littelfuse, Inc.
Specifications are subject to change without notice.
Revision: 01/13/20
SP712Series640WAsymmetricalTVSDiodeArray
1
2
3
7V
12V
7V
12V
RS-485 Application Example
IC
A
B
RS-485 Port
Receiver
SM712
GND
RoHS Pb GREEN
SP712


Similar Part No. - SP712

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7120 SIPEX-SP7120 Datasheet
1Mb / 17P
2 or 3 Channel Low Dropout High Side Linear LED Driver
SP7120 SIPEX-SP7120 Datasheet
71Kb / 4P
Evaluation Board Manual
SP7120AEB SIPEX-SP7120AEB Datasheet
71Kb / 4P
Evaluation Board Manual
SP7120AEK-L/TR SIPEX-SP7120AEK-L/TR Datasheet
1Mb / 17P
2 or 3 Channel Low Dropout High Side Linear LED Driver
SP7120BEB SIPEX-SP7120BEB Datasheet
71Kb / 4P
Evaluation Board Manual
More results

Similar Description - SP712

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG712FBS23 KEC-PG712FBS23 Datasheet
534Kb / 3P
Asymmetrical TVS Diode
logo
Littelfuse
SM712 LITTELFUSE-SM712 Datasheet
1Mb / 5P
600W Asymmetrical TVS Diode Array
logo
Protek Devices
SMDB712C PROTEC-SMDB712C Datasheet
445Kb / 6P
BIDIRECTIONAL ASYMMETRICAL TVS ARRAY
logo
Applied Power Microelec...
ASM712 APMICRO-ASM712 Datasheet
929Kb / 6P
Asymmetrical TVS Diode
ASM712H APMICRO-ASM712H Datasheet
637Kb / 6P
Asymmetrical TVS Diode
ASM1235 APMICRO-ASM1235 Datasheet
479Kb / 5P
Asymmetrical TVS Diode
logo
AiT Semiconductor Inc.
SM712 AITSEMI-SM712 Datasheet
535Kb / 6P
TVS 400W ASYMMETRICAL TVS DIODE ARRAY
REV1.0
logo
TECH PUBLIC Electronics...
SM712-02HTG TECHPUBLIC-SM712-02HTG Datasheet
2Mb / 4P
Asymmetrical TVS Diode
SM712 TECHPUBLIC-SM712 Datasheet
2Mb / 4P
Asymmetrical TVS Diode
TPCDSOT23-SM712 TECHPUBLIC-TPCDSOT23-SM712 Datasheet
2Mb / 4P
Asymmetrical TVS Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com