Electronic Components Datasheet Search
  English  ▼

X  

VBM1102M Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # VBM1102M
Description  N-Channel 100-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBM1102M Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  VBM1102M Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
750
600
450
300
0
150
100
101
VDS, Drain-to-Source Voltage (V)
C
iss
C
rss
C
oss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
91018_05
QG, Total Gate Charge (nC)
20
16
12
8
0
4
0
4
20
16
12
8
I
D = 9.2 A
For test circuit
see figure 13
V
DS = 20 V
V
DS = 50 V
V
DS = 80 V
91018_06
101
100
VSD, Source-to-Drain Voltage (V)
25
°C
175
°C
V
GS = 0 V
0.5
0.9
0.8
0.7
0.6
1.0
1.2
1.1
10-1
91018_07
102
10 µs
100 µs
1 ms
10 ms
Operation in this area limited
by R
DS(on)
VDS, Drain-to-Source Voltage (V)
T
C = 25 °C
T
J = 175 °C
Single Pulse
0.1
103
0.1
2
5
1
2
5
10
2
5
2
5
25
1
25
10
25
102
25
103
91018_08
www.VBsemi.com
VBM1102M
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com