Electronic Components Datasheet Search
  English  ▼

X  

VBM1102M Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # VBM1102M
Description  N-Channel 100-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBM1102M Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  VBM1102M Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBM1102M Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• Available in Tape and Reel
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• 175 °C Operating Temperature
• Fast Switching
• Ease of Paralleling
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 25 V, starting TJ = 25 °C, L = 3.5 mH, Rg = 25 , IAS = 9.2 A (see fig. 12).
c. ISD  9.2 A, dI/dt  110 A/μs, VDD  VDS, TJ  175 °C.
PRODUCT SUMMARY
VDS (V)
100
RDS(on) ()VGS = 10 V
0.20
Qg (Max.) (nC)
16
Qgs (nC)
4.4
Qgd (nC)
7.7
Configuration
Single
N-Channel MOSFET
G
D
S
Available
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
14
A
TC = 100 °C
8
Pulsed Drain Currenta
IDM
37
Linear Derating Factor
0.40
W/°C
Linear Derating Factor (PCB Mount)
0.025
Single Pulse Avalanche Energyb
EAS
200
mJ
Avalanche Currenta
IAR
9.2
A
Repetitive Avalanche Energya
EAR
6.0
mJ
Maximum Power Dissipation
TC = 25 °C
PD
60
W
Maximum Power Dissipation (PCB Mount)
TA = 25 °C
3.7
Peak Diode Recovery dV/dtc
dV/dt
5.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)
For 10 s
300d
N-Channel 100-V (D-S) MOSFET
1
www.VBsemi.com
VBM1102M
TO-220AB
Top View
GD S


Similar Part No. - VBM1102M

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBM1102M VBSEMI-VBM1102M Datasheet
631Kb / 7P
N-Channel 100-V (D-S) MOSFET
VBM1102M VBSEMI-VBM1102M_V01 Datasheet
631Kb / 7P
N-Channel 100-V (D-S) MOSFET
More results

Similar Description - VBM1102M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
N-Channel 100-V (D-S) MOSFET
25-Dec-01
logo
Guangdong Kexin Industr...
KI2328DS KEXIN-KI2328DS Datasheet
51Kb / 2P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4102DY VISHAY-SI4102DY Datasheet
209Kb / 4P
N-Channel 100-V (D-S) MOSFET
08-Oct-07
SI7454DP VISHAY-SI7454DP_06 Datasheet
196Kb / 4P
N-Channel 100-V (D-S) MOSFET
13-Feb-06
SI7456DDP VISHAY-SI7456DDP Datasheet
482Kb / 13P
N-Channel 100 V (D-S) MOSFET
21-May-12
logo
Analog Power
AM4490NE ANALOGPOWER-AM4490NE Datasheet
364Kb / 5P
N-Channel 100-V (D-S) MOSFET
AM90N10-23P ANALOGPOWER-AM90N10-23P Datasheet
129Kb / 3P
N-Channel 100-V (D-S) MOSFET
AM7412N ANALOGPOWER-AM7412N Datasheet
99Kb / 3P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4190DY-T1-GE3 VISHAY-SI4190DY-T1-GE3 Datasheet
271Kb / 10P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com