Electronic Components Datasheet Search
  English  ▼

X  

1740521 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1740521
Description  Printed-circuit board connector - MSTBA 2,5/ 4-G-5,08 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1740521 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1740521 Datasheet HTML 1Page - PHOENIX CONTACT 1740521 Datasheet HTML 2Page - PHOENIX CONTACT 1740521 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/produkte/1740521
10.10.2012   Page 1 / 3
Printed-circuit board connector - MSTBA 2,5/ 4-G-5,08
BK - 1740521
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 12 A, Number of positions: 4, Pitch: 5.08 mm, Color: Black, Contact
surface: Tin
Key commercial data
Packing unit
1
Minimum order quantity
1
GTIN
Custom tariff number
85366990
Country of origin
GERMANY
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
15.24 mm
Number of positions
4
Technical data
Range of articles
MSTBA 2,5/..-G
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal voltage UN
250 V
Color
Black
Nominal voltage, UL/CUL Use Group B
300 V
Nominal current, UL/CUL Use Group B
15 A
Nominal voltage, UL/CUL Use Group D
300 V
Nominal current, UL/CUL Use Group D
15 A
Classifications
eclass
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402


Similar Part No. - 1740521

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17405 ETC2-17405 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
TE Connectivity Ltd
174051-2 TEC-174051-2 Datasheet
8Mb / 80P
MULTILOCK Connector System
4-2010.
logo
PHOENIX CONTACT
1740518 PHOENIX-1740518 Datasheet
67Kb / 4P
Base strip - MSTBA 2,5/ 3-G-5,08 BK
logo
Tyco Electronics
174053-2 MACOM-174053-2 Datasheet
125Kb / 1P
040 SERIES MULTI-LOCK I/O CONNECTOR
logo
TE Connectivity Ltd
174053-2 TEC-174053-2 Datasheet
8Mb / 80P
MULTILOCK Connector System
4-2010.
More results

Similar Description - 1740521

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1702863 PHOENIX-1702863 Datasheet
271Kb / 9P
Printed-circuit board connector - MSTBA 2,5/ 4-G-5,08 GY7035
1746978 PHOENIX-1746978 Datasheet
56Kb / 3P
Printed-circuit board connector - MSTBA 2,5/ 2-G-5,08 BK
1741669 PHOENIX-1741669 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/20-G-5,08 BK
1746855 PHOENIX-1746855 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/24-G-5,08 BK
1746884 PHOENIX-1746884 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/18-G-5,08 BK
1746923 PHOENIX-1746923 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/13-G-5,08 BK
1746936 PHOENIX-1746936 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/12-G-5,08 BK
1763999 PHOENIX-1763999 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBA 2,5/ 6-G-5,08 BK PIN9,5
1741656 PHOENIX-1741656 Datasheet
89Kb / 3P
Printed-circuit board connector - MSTBA 2,5/ 8-G-5,08 BK
11/04/2018
1746952 PHOENIX-1746952 Datasheet
88Kb / 3P
Printed-circuit board connector - MSTBA 2,5/ 9-G-5,08 BK
11/04/2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com