Electronic Components Datasheet Search
  English  ▼

X  

1740521 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1740521
Description  Printed-circuit board connector - MSTBA 2,5/ 4-G-5,08 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1740521 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1740521 Datasheet HTML 1Page - PHOENIX CONTACT 1740521 Datasheet HTML 2Page - PHOENIX CONTACT 1740521 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/produkte/1740521
10.10.2012   Page 2 / 3
Printed-circuit board connector - MSTBA 2,5/ 4-G-5,08
BK - 1740521
Classifications
etim
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002637
unspsc
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409
UNSPSC 11
39121409
UNSPSC 12.01
39121409
UNSPSC 13.2
39121409
Approvals
Approvals
Approvals
CSA / UL Recognized / VDE report with production monitoring / cUL Recognized / IECEE CB Scheme / cULus Recognized
Ex Approvals
Approvals submitted
Approval details
CSA 
 
B
D
Nominal current IN
10 A
10 A
Nominal voltage UN
300 V
300 V
UL Recognized 
 
B
D
Nominal current IN
15 A
15 A
Nominal voltage UN
300 V
150 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com