Electronic Components Datasheet Search
  English  ▼

X  

M41T62LC6F Datasheet(PDF) 6 Page - STMicroelectronics

Part # M41T62LC6F
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62LC6F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M41T62LC6F Datasheet HTML 2Page - STMicroelectronics M41T62LC6F Datasheet HTML 3Page - STMicroelectronics M41T62LC6F Datasheet HTML 4Page - STMicroelectronics M41T62LC6F Datasheet HTML 5Page - STMicroelectronics M41T62LC6F Datasheet HTML 6Page - STMicroelectronics M41T62LC6F Datasheet HTML 7Page - STMicroelectronics M41T62LC6F Datasheet HTML 8Page - STMicroelectronics M41T62LC6F Datasheet HTML 9Page - STMicroelectronics M41T62LC6F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Figure 10. Hardware hookup for SuperCap™ backup operation
VCC
Port
Reset Input
SQWIN
Serial Clock Line
Serial Data Line
32KHz CLKIN
XO
XI
M41T6x
MCU
VSS
IRQ/FT/OUT
(2)
WDO
(3)
SQW
(4)
F32K
SDA
SCL
VCC
VCC
(1)
D1
D2
POWER SUPPLY
+
–
LEAKAGE
PATH
Ro
1.
Diode D2 is required on open drain pin (M41T65 only) when SuperCap (or battery) backup is being used.
Low threshold BAT42 Schottky diode is recommended (see note below). D1 and D2 should be of the same
type.
2.
For M41T62 and M41T65 (open drain).
3.
For M41T65 (open drain).
4.
For M41T64 (open drain).
Note:
Some power supplies, when shut off, can present a leakage path to ground, which shortens the backup time
provided by the SuperCap (or battery). In such cases, a very low leakage diode is recommended for D1 (and
D2).
M41T62, M41T64, M41T65
Description
DS3840 - Rev 24
page 6/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com