Electronic Components Datasheet Search
  English  ▼

X  

M41T62LC6F Datasheet(PDF) 3 Page - STMicroelectronics

Part # M41T62LC6F
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62LC6F Datasheet(HTML) 3 Page - STMicroelectronics

  M41T62LC6F Datasheet HTML 1Page - STMicroelectronics M41T62LC6F Datasheet HTML 2Page - STMicroelectronics M41T62LC6F Datasheet HTML 3Page - STMicroelectronics M41T62LC6F Datasheet HTML 4Page - STMicroelectronics M41T62LC6F Datasheet HTML 5Page - STMicroelectronics M41T62LC6F Datasheet HTML 6Page - STMicroelectronics M41T62LC6F Datasheet HTML 7Page - STMicroelectronics M41T62LC6F Datasheet HTML 8Page - STMicroelectronics M41T62LC6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Figure 2. M41T64 logic diagram
SCL
VCC
M41T64
VSS
SDA
F32K
(2)
SQW(1)
XI
XO
1.
Open drain.
2.
Defaults to 32 kHz on power-up.
Figure 3. M41T65 logic diagram
SCL
VCC
M41T65
VSS
SDA
WDO(1)
IRQ/FT/OUT(1)
XI
XO
1.
Open drain.
Figure 4. M41T62 connections
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
XI
XO
SQW(1)
VSS
NC
SCL
SDA
IRQ/OUT(2)
1
2
3
4
5
6
7
8
VSS
NC
SCL
SDA
IRQ/OUT(2)
NC
VCC
QFN
LCC
SQW(1)
1.
SQW output defaults to 32 kHz upon power-up.
2.
Open drain.
M41T62, M41T64, M41T65
Description
DS3840 - Rev 24
page 3/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com