Electronic Components Datasheet Search
  English  ▼

X  

MPC5744C Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPC5744C
Description  MPC5746C Microcontroller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MPC5744C Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPC5744C Datasheet HTML 17Page - NXP Semiconductors MPC5744C Datasheet HTML 18Page - NXP Semiconductors MPC5744C Datasheet HTML 19Page - NXP Semiconductors MPC5744C Datasheet HTML 20Page - NXP Semiconductors MPC5744C Datasheet HTML 21Page - NXP Semiconductors MPC5744C Datasheet HTML 22Page - NXP Semiconductors MPC5744C Datasheet HTML 23Page - NXP Semiconductors MPC5744C Datasheet HTML 24Page - NXP Semiconductors MPC5744C Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
Table 12. Low Power Unit (LPU) Current consumption characteristics
Symbol
Parameter
Conditions1
Min
Typ
Max
Unit
LPU_RUN
with 256K RAM
Ta = 25 °C
SYS_CLK = 16MHz
ADC0 = OFF, SPI0 = OFF, LIN0 = OFF, CAN0 = OFF
—
10
—
mA
Ta = 85 °C
SYS_CLK = 16MHz
ADC0 = ON, SPI0 = ON, LIN0 = ON, CAN0 = ON
—
10.5
—
Ta = 105 °C
SYS_CLK = 16MHz
ADC0 = ON, SPI0 = ON, LIN0 = ON, CAN0 = ON
—
11
—
Ta = 125 °C, 2
SYS_CLK = 16MHz
ADC0 = ON, SPI0 = ON, LIN0 = ON, CAN0 = ON
—
—
26
LPU_STOP
with 256K RAM
Ta = 25 °C
—
0.18
—
mA
Ta = 85 °C
—
0.60
—
Ta = 105 °C
—
1.00
—
Ta = 125 °C 2
—
—
10.6
1. The content of the Conditions column identifies the components that draw the specific current.
2. Assuming Ta=Tj, as the device is in static (fully clock gated) mode. Assumes maximum
θJA of 2s2p board. SeeThermal
attributes
Table 13. STANDBY Current consumption characteristics
Symbol
Parameter
Conditions1
Min
Typ
Max
Unit
STANDBY0
STANDBY with
8K RAM
Ta = 25 °C
—
71
—
µA
Ta = 85 °C
—
125
700
Ta = 105 °C
—
195
1225
Ta = 125 °C , 2
—
314
2100
STANDBY1
STANDBY with
64K RAM
Ta = 25 °C
—
72
—
µA
Ta = 85 °C
—
140
715
Ta = 105 °C
—
225
1275
Ta = 125 °C 2
—
358
2250
STANDBY2
STANDBY with
128K RAM
Ta = 25 °C
—
75
—
µA
Ta = 85 °C
—
155
730
Ta = 105 °C
—
255
1350
Ta = 125 °C 2
—
396
2600
STANDBY3
STANDBY with
256K RAM
Ta = 25 °C
—
80
—
µA
Ta = 85 °C
—
180
800
Ta = 105 °C
—
290
1425
Ta = 125 °C 2
—
465
2900
STANDBY3
FIRC ON
Ta = 25 °C
—
500
—
µA
General
MPC5746C Microcontroller Datasheet, Rev. 6, 11/2018
NXP Semiconductors
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com