Electronic Components Datasheet Search
  English  ▼

X  

MPC5744C Datasheet(PDF) 23 Page - NXP Semiconductors

Part # MPC5744C
Description  MPC5746C Microcontroller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MPC5744C Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button MPC5744C Datasheet HTML 19Page - NXP Semiconductors MPC5744C Datasheet HTML 20Page - NXP Semiconductors MPC5744C Datasheet HTML 21Page - NXP Semiconductors MPC5744C Datasheet HTML 22Page - NXP Semiconductors MPC5744C Datasheet HTML 23Page - NXP Semiconductors MPC5744C Datasheet HTML 24Page - NXP Semiconductors MPC5744C Datasheet HTML 25Page - NXP Semiconductors MPC5744C Datasheet HTML 26Page - NXP Semiconductors MPC5744C Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
I/O parameters
5.1 AC specifications @ 3.3 V Range
Table 15. Functional Pad AC Specifications @ 3.3 V Range
Symbol
Prop. Delay (ns)1
L>H/H>L
Rise/Fall Edge (ns)
Drive Load
(pF)
SIUL2_MSCRn[SRC 1:0]
Min
Max
Min
Max
MSB,LSB
pad_sr_hv
(output)
6/6
1.9/1.5
25
11
2.5/2.5
8.25/7.5
0.8/0.6
3.25/3
50
6.4/5
19.5/19.5
3.5/2.5
12/12
200
2.2/2.5
8/8
0.55/0.5
3.9/3.5
25
10
0.090
1.1
0.035
1.1
asymmetry2
2.9/3.5
12.5/11
1/1
7/6
50
11/8
35/31
7.7/5
25/21
200
8.3/9.6
45/45
4/3.5
25/25
50
01
13.5/15
65/65
6.3/6.2
30/30
200
13/13
75/75
6.8/6
40/40
50
003
21/22
100/100
11/11
51/51
200
pad_i_hv/
pad_sr_hv
(input)4
2/2
0.5/0.5
0.5
NA
1. As measured from 50% of core side input to Voh/Vol of the output
2. This row specifies the min and max asymmetry between both the prop delay and the edge rates for a given PVT and 25pF
load. Required for the Flexray spec.
3. Slew rate control modes
4. Input slope = 2ns
NOTE
The specification given above is based on simulation data into
an ideal lumped capacitor. Customer should use IBIS models
for their specific board/loading conditions to simulate the
expected signal integrity and edge rates of their system.
NOTE
The specification given above is measured between 20% / 80%.
5
I/O parameters
MPC5746C Microcontroller Datasheet, Rev. 6, 11/2018
NXP Semiconductors
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com