Electronic Components Datasheet Search
  English  ▼

X  

P9813 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P9813
Description  IC input voltage 5V-6.5V;built-in LDO,4.5V regulator output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P9813 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P9813 Datasheet HTML 1Page - List of Unclassifed Manufacturers P9813 Datasheet HTML 2Page - List of Unclassifed Manufacturers P9813 Datasheet HTML 3Page - List of Unclassifed Manufacturers P9813 Datasheet HTML 4Page - List of Unclassifed Manufacturers P9813 Datasheet HTML 5Page - List of Unclassifed Manufacturers P9813 Datasheet HTML 6Page - List of Unclassifed Manufacturers P9813 Datasheet HTML 7Page - List of Unclassifed Manufacturers P9813 Datasheet HTML 8Page - List of Unclassifed Manufacturers P9813 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DMS MICROELECTRONICS LTD.,
四、Pin function description(P9813 S14\DIP14)
五、
P9813 communication protocol
Pin
Symbol
Function
1
Din
Serial data input. Built-in pull. high
2
Cin
Serial clock input, built-in pull. high
3
JEN
JEN=1,timing no parity,JEN=0,timing verification,drive mode,built-in
pull-up
4
GND
GDN
5,6,7
R,G,B
RGB output of three=way drive external feedback mode,access
resistance
8
R-EXT
Adjustable output current resistance
9
VCC
Supply voltage,5-6.5V
10
VOUT
Internal operating voltage.VCC>5V time,5V regulator output,while
VCC<5V
11
CLKSEL
CLKSEL=1,output clock back,CLKSEL=0,output clck forward
12
MODE
MODE=1,output is constant current drive mode,mode=0,output is the
plug-in constant pressure
13
COUT
Serial
clock
output.
14
DOUT
Serial
Date
output.
32bit gray data for the first pixel
32bit gray
data for the
2nd pixel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com