Electronic Components Datasheet Search
  English  ▼

X  

P9813 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # P9813
Description  IC input voltage 5V-6.5V;built-in LDO,4.5V regulator output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P9813 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  P9813 Datasheet HTML 1Page - List of Unclassifed Manufacturers P9813 Datasheet HTML 2Page - List of Unclassifed Manufacturers P9813 Datasheet HTML 3Page - List of Unclassifed Manufacturers P9813 Datasheet HTML 4Page - List of Unclassifed Manufacturers P9813 Datasheet HTML 5Page - List of Unclassifed Manufacturers P9813 Datasheet HTML 6Page - List of Unclassifed Manufacturers P9813 Datasheet HTML 7Page - List of Unclassifed Manufacturers P9813 Datasheet HTML 8Page - List of Unclassifed Manufacturers P9813 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DMS MICROELECTRONICS LTD.,
1. The ic will latch a bit of data when the rising edge of the clock coming, And the data
should changed after the falling edge of the clock;
2. The flag bits is two “1”;
3. The verify dta B7’is equal to ~B7,and B6’1S ~B6,B7 and B6 are the gray data of blue
4. the serial data is MSB first ,and the sortorder is blue ,green, red
六、
ELECTRICAL PARAMETERS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com