Electronic Components Datasheet Search
  English  ▼

X  

RT8239C Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8239C
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8239C Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8239C Datasheet HTML 1Page - Richtek Technology Corporation RT8239C Datasheet HTML 2Page - Richtek Technology Corporation RT8239C Datasheet HTML 3Page - Richtek Technology Corporation RT8239C Datasheet HTML 4Page - Richtek Technology Corporation RT8239C Datasheet HTML 5Page - Richtek Technology Corporation RT8239C Datasheet HTML 6Page - Richtek Technology Corporation RT8239C Datasheet HTML 7Page - Richtek Technology Corporation RT8239C Datasheet HTML 8Page - Richtek Technology Corporation RT8239C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
RT8239A/B/C
®
DS8239A/B/C-06 October 2012
www.richtek.com
1
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
High Efficiency, Main Power Supply Controller
for Notebook Computers
General Description
The RT8239A/B/C is a dual step down, Switch Mode Power
Supply (SMPS) controller which generates logic supply
voltages for battery powered systems. It includes two
Pulse Width Modulation (PWM) controllers adjustable
from 2V to 5.5V and also two fixed 5V/3.3V linear
regulators. One of the controllers (LDO5) provides
automatic switch over to the BYP1 input connected to
the main SMPS1 output for maximized efficiency. An
optional external charge pump can be monitored through
SECFB (RT8239B/C). Other features include on board
power up sequencing, a power good output, internal soft-
start, and a soft discharge output that prevents negative
voltage during shutdown.
A constant on-time PWM control scheme operates without
sense resistors and assures fast load transient response
while maintaining nearly constant switching frequency. To
eliminate noise in audio applications, an ultrasonic mode
is included, which maintains the switching frequency
above 25kHz. Moreover, a diode emulation mode
maximizes efficiency for light load applications. The
SMPS1/SMPS2 switching frequency can be adjustable
from 200kHz/233kHz to 400kHz/466kHz respectively.
The RT8239A/B/C is available in a WQFN-20L 3x3
package, and operates over an extended temperature range
from
−40°C to 85°C.
Features
5.5V to 25V Input Voltage Range
2V to 5.5V Output Voltage Range
No Current Sense Resistor Needed
5V/3.3V Linear Regulators
4700ppm/
°°°°°C RDS(ON) Current Sensing
Internal Current Limit Soft-Start and Soft Discharge
Output
Built In OVP/UVP/OCP
Selectable Operation Mode with Switcher Enable
Control (RT8239A)
SECFB Input Maintains Charge Pump Voltage
(RT8239B/C)
Power Good Indicator (RT8239B/C includes SECFB)
RoHS Compliant and Halogen Free
Applications
Notebook computers
System Power Supplies
3- and 4- Cell Li+ Battery-Powered Device
RT8239A/B/C
Package Type
QW : WQFN-20L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Z : ECO (Ecological Element with
Halogen Free and Pb free)
Pin Function With
A : ENM
B : SECFB
C : SECFB, Ultrasonic Mode


Similar Part No. - RT8239C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8230A RICHTEK-RT8230A Datasheet
225Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
October 2020
RT8231A RICHTEK-RT8231A Datasheet
306Kb / 23P
Complete DDR Memory Power Supply Controller
April 2021
RT8231B RICHTEK-RT8231B Datasheet
306Kb / 23P
Complete DDR Memory Power Supply Controller
April 2021
RT8237E RICHTEK-RT8237E Datasheet
225Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
October 2020
RT8237EZQW RICHTEK-RT8237EZQW Datasheet
225Kb / 18P
High Efficiency Single Synchronous Buck PWM Controller
October 2020
More results

Similar Description - RT8239C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Richtek Technology Corp...
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com