Electronic Components Datasheet Search
  English  ▼

X  

RT8239C Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8239C
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8239C Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8239C Datasheet HTML 9Page - Richtek Technology Corporation RT8239C Datasheet HTML 10Page - Richtek Technology Corporation RT8239C Datasheet HTML 11Page - Richtek Technology Corporation RT8239C Datasheet HTML 12Page - Richtek Technology Corporation RT8239C Datasheet HTML 13Page - Richtek Technology Corporation RT8239C Datasheet HTML 14Page - Richtek Technology Corporation RT8239C Datasheet HTML 15Page - Richtek Technology Corporation RT8239C Datasheet HTML 16Page - Richtek Technology Corporation RT8239C Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
RT8239A/B/C
13
DS8239A/B/C-06 October 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
VOUT2 Output Voltage vs. Load Current
3.372
3.378
3.384
3.390
3.396
3.402
3.408
3.414
3.420
0.001
0.01
0.1
1
10
Load Current (A)
VIN = 12V, RTON = 100k
Ω, ENLDO = VIN,
VENTRIP1 = 5V, VENTRIP2 = 1.5V
ASM
DEM
VOUT1 Output Voltage vs. Load Current
5.010
5.013
5.016
5.019
5.022
5.025
5.028
5.031
5.034
0.001
0.01
0.1
1
10
Load Current (A)
VIN = 12V, RTON = 100k
Ω, ENLDO = VIN,
VENTRIP1 = 1.5V, VENTRIP2 = 5V
ASM
DEM
Standby Input Current vs. Input Voltage
226
228
230
232
234
236
238
240
6
8
10
12
14
16
18
20
22
24
26
Input Voltage (V)
VENTRIP1 = VENTRIP2 = 5V, ENLDO = VIN, No Load
LDO5 Output Voltage vs. Output Current
5.048
5.052
5.056
5.060
5.064
5.068
5.072
0
10
2030
405060
7080
90
100
Output Current (mA)
VIN = 12V, VENTRIP1 = VENTRIP2 = 5V, ENLDO = VIN
LDO3 Output Voltage vs. Output Current
3.334
3.336
3.338
3.340
3.342
3.344
3.346
3.348
3.350
3.352
3.354
0
1020304050
60708090
100
Output Current (mA)
VIN = 12V, VENTRIP1 = VENTRIP2 = 5V, ENLDO = VIN
No Load Battery Current vs. Input Voltage
0.1
1
10
100
6 7 8 9 101112131415 16171819202122232425
Input Voltage (V)
RTON = 100k
Ω, VENTRIP1 = VENTRIP2 =1.5V,
EVLDO = VIN
ASM
DEM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com