Electronic Components Datasheet Search
  English  ▼

X  

RT8239 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8239
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8239 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8239 Datasheet HTML 5Page - Richtek Technology Corporation RT8239 Datasheet HTML 6Page - Richtek Technology Corporation RT8239 Datasheet HTML 7Page - Richtek Technology Corporation RT8239 Datasheet HTML 8Page - Richtek Technology Corporation RT8239 Datasheet HTML 9Page - Richtek Technology Corporation RT8239 Datasheet HTML 10Page - Richtek Technology Corporation RT8239 Datasheet HTML 11Page - Richtek Technology Corporation RT8239 Datasheet HTML 12Page - Richtek Technology Corporation RT8239 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
RT8239A/B/C
9
DS8239A/B/C-06 October 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
PGOOD Leakage Current
ILK_PGOOD
High State, Forced to 5.5V
--
--
1
μA
PGOOD Output Low Voltage
VSINK_PGOOD ISINK = 4mA
--
--
0.4
V
SECFB Power Good
Threshold
VSFB_PGOOD
SECFB with Respect to 2V
(RT8239B/C)
40
50
60
%
Fault Detection
Over Voltage Protection Trip
Threshold
VOVP
OVP Detect, FBx Rising Edge
108
112
116
%
Over Voltage Protection
Propagation Delay
tDLY_OVP
Rising Edge
--
5
--
μs
VUVP
UVP Detect, FBx Falling Edge.
53
58
63
%
Under Voltage Protection Trip
Threshold
VSFB_UVP
UVP Detect, SECFB Falling Edge.
0.8
--
1.2
V
Under Voltage Protection
Shutdown Blanking Time
tSSHx
From ENTRIPx or ENM Enable
--
5
--
ms
Thermal Shutdown
Thermal Shutdown
TSD
--
150
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
10
--
°C
Logic Input
ENTRIPx Input Voltage
VENTRIPx
Clear Fault Level/SMPSx Off Level
4.5
--
--
V
Rising Edge Threshold
1.2
1.6
2
Falling Edge Threshold
0.9
0.95
1
ENLDO Input Voltage
VENLDO
When ENLDO is Floating (Default
Enable)
2.1
--
--
V
Clear Fault Level/SMPSs Off Level
--
--
0.8
SMPSs On, DEM Operation
2.3
--
3.6
ENM Input Voltage
(RT8239A)
VENM
SMPSs On, Ultrasonic Mode
Operation
4.5
--
--
V
IFBx
VFBx = 0V or 5V
−1
--
1
IP13
ENM/SECFB = 0V or 5V
−1
--
1
Input Leakage Current
IENLDO
ENLDO = 0V or 5V
−1
--
3
μA
Internal BOOT Switch
Internal Boost Charging
Switch On-Resistance
RBOOTx
LDO5 to BOOTx, 10mA
--
--
90
Ω
Power MOSFET Drivers
RUGATEsr
Source, VBOOTx − VUGATEx = 0.1V
--
5
8
UGATEx On-Resistance
RUGATEsk
Sink, VUGATEx − VPHASEx = 0.1V
--
2
4
Ω
RLGATEsr
Source, VLDO5 − VLGATEx = 0.1V
--
5
8
LGATEx On-Resistance
RLGATEsk
Sink, VLGATEx = 0.1V
--
1.5
3
Ω
tLGATERx
UGATEx Off to LGATEx On
--
30
--
Dead Time
tUGATERx
LGATEx Off to UGATEx On
--
40
--
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com