Electronic Components Datasheet Search
  English  ▼

X  

RT8239 Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT8239
Description  High Efficiency, Main Power Supply Controller for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8239 Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT8239 Datasheet HTML 16Page - Richtek Technology Corporation RT8239 Datasheet HTML 17Page - Richtek Technology Corporation RT8239 Datasheet HTML 18Page - Richtek Technology Corporation RT8239 Datasheet HTML 19Page - Richtek Technology Corporation RT8239 Datasheet HTML 20Page - Richtek Technology Corporation RT8239 Datasheet HTML 21Page - Richtek Technology Corporation RT8239 Datasheet HTML 22Page - Richtek Technology Corporation RT8239 Datasheet HTML 23Page - Richtek Technology Corporation RT8239 Datasheet HTML 24Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
RT8239A/B/C
22
DS8239A/B/C-06 October 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Output Voltage Setting (FBx)
Connect a resistive voltage divider at the FBx pin between
VOUTx and GND to adjust the output voltage between 2V
and 5.5V (Figure 7). Choose R2 to be approximately 10k
Ω,
and solve for R1 using the equation :
⎛⎞
⎛⎞
=× +
⎜⎟
⎜⎟
⎝⎠
⎝⎠
OUT
FBx
R1
VV
1
R2
where VFBx is 2V (typ.).
UGATEx
PHASEx
LGATEx
PGND
FBx
GND
R1
R2
VOUTx
VIN
Figure 7. Setting VOUTx with a resistive voltage divider
Output Inductor Selection
The switching frequency (on-time) and operating point (%
ripple or LIR) determine the inductor value as shown
below :
×−
=
×
ON
IN
OUTx
LOAD(MAX)
t(V
V
)
L
LIR I
where LIR is the ratio of the peak-to-peak ripple current to
the average inductor current.
Find a low-loss inductor having the lowest possible DC
resistance that fits in the allotted dimensions. Ferrite cores
are often the best choice, although powdered iron is
inexpensive and can work well at 200kHz. The core must
be large enough not to saturate at the peak inductor
current, IPEAK :
IPEAK = ILOAD(MAX) + [ (LIR / 2) x ILOAD(MAX) ]
The calculation above shall serve as a general reference.
To further improve transient response, the output
inductance can be further reduced. Of course, besides
the inductor, the output capacitor should also be
considered when improving transient response.
Output Capacitor Selection
The capacitor value and ESR determine the amount of
output voltage ripple and load transient response. Thus,
the capacitor value must be greater than the largest value
calculated from below equations.
Δ× ×
+
=
⎡⎤
××
×
−
⎣⎦
2
LOAD
ON
OFF(MIN)
SAG
OUT
IN
ON
OUTx ON
OFF(MIN)
(I
)
L (t
t
)
V
2C
V
t
V
(t
+ t
)
()
2
LOAD
SOAR
OUT
OUTx
IL
V
2C
V
Δ×
=
××
−
⎛⎞
=×
×⎜⎟
××
⎝⎠
P P
LOAD(MAX)
OUT
1
V
LIR I
ESR +
8C
f
where VSAG and VSOAR are the allowable amount of
undershoot and overshoot voltage during load transient,
Vp-p is the output ripple voltage, and tOFF(MIN) is the
minimum off-time.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
WQFN-20L 3x3 packages, the thermal resistance,
θJA, is
30
°C/W on a standard JEDEC 51-7 four-layer thermal test
board. The maximum power dissipation at TA = 25
°C can
be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (30°C/W) = 3.33W for
WQFN-20L 3x3 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com