Electronic Components Datasheet Search
  English  ▼

X  

AM79D2251VC Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM79D2251VC
Description  Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79D2251VC Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM79D2251VC Datasheet HTML 22Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 23Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 24Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 25Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 26Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 27Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 28Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 29Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
26
Am79D2251
SWITCHING CHARACTERISTICS
PCM Switching Characteristics
Figure 14. PCM Switching Characteristics
VCC = 3.3 V +5%, AGND = DGND = 0 V
Microprocessor Interface
Min and max values are valid for all digital outputs with a 100 pF load, except DIO,DXA, INTL, and
TSCA which are valid with 150 pF loads.
No.
Symbol
Parameter
Min
Typ
Max
Unit
Note
1tDCY
Data clock period
122
ns
2tDCH
Data clock HIGH pulse width
48
1
3tDCL
Data clock LOW pulse width
48
1
4tDCR
Rise time of clock
15
5tDCF
Fall time of clock
15
6tICSS
Chip select setup time, Input
mode
30
tDCY–10
7tICSH
Chip select hold time, Input mode
0
tDCH–20
8tICSL
Chip select pulse width, Input
mode
8tDCY
9tICSO
Chip select off time, Input mode
1, 6
10
tIDS
Input data setup time
25
5
11
tIDH
Input data hold time
30
12
13
tOCSS
Chip select setup time, Output
mode
30
tDCY–10
ns
14
tOCSH
Chip select hold time, Output
mode
tDCH–20
15
tOCSL
Chip select pulse width, Output
mode
8tDCY
16
tOCSO
Chip select off time, output Mode
1, 6
17
tODD
Output data turn on delay
50
18
tODH
Output data hold time
3
19
tODOF
Output data turn off delay
50
20
tODC
Output data valid
0
50
21
tRST
Reset pulse width
50
µs
TBD
TBD
TEST
POINTS
TBD
TBD
TBD
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com