Electronic Components Datasheet Search
  English  ▼

X  

TCPP01-M12 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TCPP01-M12
Description  USB type-C port protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP01-M12 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TCPP01-M12 Datasheet HTML 3Page - STMicroelectronics TCPP01-M12 Datasheet HTML 4Page - STMicroelectronics TCPP01-M12 Datasheet HTML 5Page - STMicroelectronics TCPP01-M12 Datasheet HTML 6Page - STMicroelectronics TCPP01-M12 Datasheet HTML 7Page - STMicroelectronics TCPP01-M12 Datasheet HTML 8Page - STMicroelectronics TCPP01-M12 Datasheet HTML 9Page - STMicroelectronics TCPP01-M12 Datasheet HTML 10Page - STMicroelectronics TCPP01-M12 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Figure 10. CC line attachment (source advertisement: 3 A
at 5 V)
Figure 11. IEC61000-4-2 +8kV ESD applied on CC1c,
response on CC1 pin
Figure 12. CCx line TLP curve (unpowered)
Figure 13. VBUS power-on at 5 V for a Sink device
Figure 14. VBUS turn-off test setup
Figure 15. VBUS 5 V overvoltage protection (Sink
configuration, 20 V applied on VBUS)
TCPP01-M12
Typical electrical characteristics curves
DS12900 - Rev 1
page 7/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com