Electronic Components Datasheet Search
  English  ▼

X  

TCPP01-M12 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TCPP01-M12
Description  USB type-C port protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP01-M12 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TCPP01-M12 Datasheet HTML 5Page - STMicroelectronics TCPP01-M12 Datasheet HTML 6Page - STMicroelectronics TCPP01-M12 Datasheet HTML 7Page - STMicroelectronics TCPP01-M12 Datasheet HTML 8Page - STMicroelectronics TCPP01-M12 Datasheet HTML 9Page - STMicroelectronics TCPP01-M12 Datasheet HTML 10Page - STMicroelectronics TCPP01-M12 Datasheet HTML 11Page - STMicroelectronics TCPP01-M12 Datasheet HTML 12Page - STMicroelectronics TCPP01-M12 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
5.4
USB charging system scalability
Thanks to its simple implementation and system compliancy with both legacy USB charging and latest USB
power delivery specification, USB-C applications using TCPP01-M12 can simply migrate from legacy USB
charging (see Figure 19) to USB power delivery charging (see Figure 20) by simply swapping their STM32 from
general purpose (for example: STM32L0) to general purpose + UCPD (example: STM23G0) and remove C1/C2
and add R5/R6 in the PCB to take benefit of the USB-C power delivery. Empty PCB footprints can be planned
earlier in the design to allow this system scalability.
5.5
How to handle dead battery (DB) condition with the TCPP01-M12
Dead battery use case happens when a battery-operated sink (consumer or UFP) application has its battery fully
depleted. In this case TCPP01-M12 enters into dead battery operation.
Dead battery behavior is basically a pull down (Rd) or a voltage clamp when a USB type-C source voltage is
applied to CC. It is interpreted as a request by the sink to receive VBUS. It thus facilitates the charging of
equipment with a fully depleted battery:
•
It must be present in most cases
•
It must not be present in the case of a (pure) type-C Source, for example a wall charger
The DB/ or 'dead battery resistor management' pin is a pulled-down active-low TCPP01-M12 input. The DB/ pin
can be used in two ways:
•
The DB/ pin is connected to VCC or
•
The DB/ pin is driven by an MCU GPIO
As long as the DB/ pin is low or high-impedance (an internal 5 kΩ pull-down sets the level to ‘0’), the dead-battery
resistors are connected and CC switches are open (OFF state).
When the DB/ pin is tied to VCC, the DB/ resistors are disconnected and CC OVP switches are closed (ON state).
DB/ usage in SINK (SNK) applications:
•
After system power-up, the DB/ pin must be kept at 0. In this case Rd is enabled at TCPP01-M12 level.
•
Once Rd is enabled in the UCPD (USB-C power delivery controller), the DB/ pin must be set to the logic
level '1'
For DB/ usage in SRC or Source mode, the DB/ pin must be tied to VCC.
Table 8. Dead battery logic states
TCPP01-M12
VCC
TCPP01-M12
DB/
TCPP01-M12
DB clamp present
TCPP01-M12
CC1/CC2 OVP FET
state
TCPP01-M12
DB function state
0
0
Yes
Open
Activated
0
1
Yes
Open
Activated
1
0
Yes
Open
Activated
1
1
No
Closed
Inactivated
Note:
When STM32-UCPD boots, Rd seen on CC lines are coming from TCPP01-M12. When STM32-UCPD has
wake-up, Rd from TCPP01-M12 are disconnected and STM32-UCPD set Rd on CC lines from UCPD IP
TCPP01-M12
USB charging system scalability
DS12900 - Rev 1
page 9/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com