Electronic Components Datasheet Search
  English  ▼

X  

LM4132 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4132
Description  SOT-23 Precision Low Dropout Voltage Reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4132 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4132 Datasheet HTML 1Page - National Semiconductor (TI) LM4132 Datasheet HTML 2Page - National Semiconductor (TI) LM4132 Datasheet HTML 3Page - National Semiconductor (TI) LM4132 Datasheet HTML 4Page - National Semiconductor (TI) LM4132 Datasheet HTML 5Page - National Semiconductor (TI) LM4132 Datasheet HTML 6Page - National Semiconductor (TI) LM4132 Datasheet HTML 7Page - National Semiconductor (TI) LM4132 Datasheet HTML 8Page - National Semiconductor (TI) LM4132 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Connection Diagram
Top View
20151302
SOT23-5 Package
NS Package Number MA05B
Ordering Information
Input Output Voltage Accuracy at
25˚C And Temperature Coefficient
LM4132 Supplied as 1000
units, Tape and Reel
LM4132 Supplied as 3000 units,
Tape and Reel
Part Marking
0.05%, 10 ppm/˚C max (A grade)
LM4132AMF-2.0
LM4132AMFX-2.0
R4BA
LM4132AMF-2.5
LM4132AMFX-2.5
R4CA
LM4132AMF-4.1
LM4132AMFX-4.1
R4FA
0.1%, 20 ppm/˚C max (B grade)
LM4132BMF-2.0
LM4132BMFX-2.0
R4BB
LM4132BMF-2.5
LM4132BMFX-2.5
R4CB
LM4132BMF-4.1
LM4132BMFX-4.1
R4FB
0.2%, 20 ppm/˚C max (C grade)
LM4132CMF-2.0
LM4132CMFX-2.0
R4BC
LM4132CMF-2.5
LM4132CMFX-2.5
R4CC
LM4132CMF-4.1
LM4132CMFX-4.1
R4FC
0.4%, 20 ppm/˚C max (D grade)
LM4132DMF-2.0
LM4132DMFX-2.0
R4BD
LM4132DMF-2.5
LM4132DMFX-2.5
R4CD
LM4132DMF-4.1
LM4132DMFX-4.1
R4FD
0.5%, 30 ppm/˚C max (E grade)
LM4132EMF-2.0
LM4132EMFX-2.0
R4BE
LM4132EMF-2.5
LM4132EMFX-2.5
R4CE
LM4132EMF-4.1
LM4132EMFX-4.1
R4FE
Pin Descriptions
Pin #
Name
Function
1
N/C
No connect pin, leave floating
2
GND
Ground
3
EN
Enable pin
4V
IN
Input supply
5V
REF
Reference output
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com