Electronic Components Datasheet Search
  English  ▼

X  

LM4132 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4132
Description  SOT-23 Precision Low Dropout Voltage Reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4132 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4132 Datasheet HTML 7Page - National Semiconductor (TI) LM4132 Datasheet HTML 8Page - National Semiconductor (TI) LM4132 Datasheet HTML 9Page - National Semiconductor (TI) LM4132 Datasheet HTML 10Page - National Semiconductor (TI) LM4132 Datasheet HTML 11Page - National Semiconductor (TI) LM4132 Datasheet HTML 12Page - National Semiconductor (TI) LM4132 Datasheet HTML 13Page - National Semiconductor (TI) LM4132 Datasheet HTML 14Page - National Semiconductor (TI) LM4132 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Application Information (Continued)
T
D = Temperature drift
V
REF = Nominal preset output voltage
V
REF_MIN
=
Minimum
output
voltage
over
operating
temperature range
V
REF_MAX
= Maximum output voltage over operating
temperature range
∆T = Operating temperature range.
The LM4132 features a low temperature drift of 10ppm
(max) to 30ppm (max), depending on the grade.
LONG TERM STABILITY
Long-term stability refers to the fluctuation in output voltage
over a long period of time (1000 hours). The LM4132 fea-
tures a typical long-term stability of 50ppm over 1000 hours.
The measurements are made using 5 units of each voltage
option, at a nominal input voltage (5V), with no load, at room
temperature.
EXPRESSION OF ELECTRICAL CHARACTERISTICS
Electrical characteristics are typically expressed in mV, ppm,
or a percentage of the nominal value. Depending on the
application, one expression may be more useful than the
other. To convert one quantity to the other one may apply the
following:
ppm to mV error in output voltage:
Where:
V
REF is in volts (V) and VERROR is in milli-volts (mV).
Bit error (1 bit) to voltage error (mV):
V
REF is in volts (V), VERROR is in milli-volts (mV), and n is the
number of bits.
mV to ppm error in output voltage:
Where:
V
REF is in volts (V) and VERROR is in milli-volts (mV).
Voltage error (mV) to percentage error (percent):
Where:
V
REF is in volts (V) and VERROR is in milli-volts (mV).
PRINTED CIRCUIT BOARD and LAYOUT
CONSIDERATIONS
References in SOT packages are generally less prone to PC
board mounting than devices in Small Outline (SOIC) pack-
ages. To minimize the mechanical stress due to PC board
mounting that can cause the output voltage to shift from its
initial value, mount the reference on a low flex area of the PC
board, such as near the edge or a corner.
The part may be isolated mechanically by cutting a U shape
slot on the PCB for mounting the device. This approach also
provides some thermal isolation from the rest of the circuit.
Bypass capacitors must be mounted close to the part.
Mounting bypass capacitors close to the part will reduce the
parasitic trace components thereby improving performance.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com