Electronic Components Datasheet Search
  English  ▼

X  

GF1J Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GF1J
Description  Surface Mount Glass Passivated Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GF1J Datasheet(HTML) 1 Page - Vishay Siliconix

  GF1J Datasheet HTML 1Page - Vishay Siliconix GF1J Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GF1A thru GF1M
Vishay Semiconductors
formerly General Semiconductor
Document Number 88617
www.vishay.com
08-Jul-02
1
Surface Mount Glass Passivated Rectifier
Reverse Voltage 50 to 1000V
Forward Current 1.0A
DO-214BA (GF1)
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol GF1A GF1B GF1D GF1G GF1J GF1K GF1M
Unit
Device marking code
GA
GB
GD
GG
GJ
GK
GM
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current at TL = 125°C
IF(AV)
1.0
A
Peak forward surge current 8.3ms single half sine-wave
IFSM
30
A
superimposed on rated load (JEDEC Method)
Typical thermal resistance(1)
R
ΘJA
80
°C/W
R
ΘJL
26
Operating junction and storage temperature range
TJ,TSTG
–65 to +175
°C
Electrical Characteristics (TJ = 25°C unless otherwise noted)
Parameter
Symbol GF1A GF1B GF1D GF1G GF1J GF1K GF1M
Unit
Maximum instantaneous forward voltage at 1.0A
VF
1.10
1.20
V
Maximum DC reverse current
TA = 25°C
IR
5.0
µA
at rated DC blocking voltage
TA = 125°C
50
Typical reverse recovery time at
trr
3.0
µs
IF = 0.5A, IR = 1.0A, Irr = 0.25 A
Typical junction capacitance at 4.0V, 1MHz
CJ
15
pF
Note: (1) Thermal resistance from junction to ambient and from junction to lead, P.C.B. mounted on 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas
Features
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Ideal for surface mount automotive applications
• High temperature metallurgically bonded construction
• Cavity-free glass passivated junction
• Capable of meeting environmental standards of
MIL-S-19500
• Built-in strain relief • Easy pick and place
• High temperature soldering guaranteed:
450°C/5 seconds at terminals.
• Complete device submersible temperature of 265°C for
10 seconds in solder bath
Mechanical Data
Case: JEDEC DO-214BA, molded plastic over glass body
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.0048 oz, 0.120 g
®
Dimensions in inches and (millimeters)
Glass-plastic encapsulation technique is covered by
Patent No. 3,996,602, brazen-lead assembly by Patent
No. 3,930,306 and lead forming by Patent No. 5,151,846
0.167 (4.24)
0.187 (4.75)
0.0065 (0.17)
0.015 (0.38)
0.030 (0.76)
0.060 (1.52)
0.196 (4.98)
0.226 (5.74)
0.094 (2.39)
0.114 (2.90)
0.100 (2.54)
0.118 (3.00)
0.040 (1.02)
0.066 (1.68)
0.098 (2.49)
0.108 (2.74)
0.006 (0.152) TYP.
0.094 MAX.
(2.38 MAX.)
0.220
(5.58) REF
0.066 MIN.
(1.68 MIN.)
0.052 MIN.
(1.32 MIN.)
Mounting Pad Layout
Patented*


Similar Part No. - GF1J

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GF1J GE-GF1J Datasheet
90Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Fairchild Semiconductor
GF1J FAIRCHILD-GF1J Datasheet
49Kb / 3P
General Purpose Rectifiers (Glass Passivated)
logo
First Components Intern...
GF1J FCI-GF1J Datasheet
165Kb / 2P
1.0 Amp MEGARECTIFIERS
logo
TAITRON Components Inco...
GF1J TAITRON-GF1J Datasheet
150Kb / 5P
1.0A Surface Mount Sintered Glass Passivated Rectifier
logo
SEMTECH ELECTRONICS LTD...
GF1J SEMTECH_ELEC-GF1J Datasheet
201Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
More results

Similar Description - GF1J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GF1A VISHAY-GF1A_11 Datasheet
81Kb / 4P
Surface Mount Glass Passivated Rectifier
15-Mar-11
logo
Tiger Electronic Co.,Lt...
S1A TGS-S1A Datasheet
51Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
S2A KISEMICONDUCTOR-S2A Datasheet
5Mb / 2P
Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
Surface Mount Glass Passivated Rectifier
11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
logo
Jinan Jingheng (Group) ...
LL4001G JINANJINGHENG-LL4001G Datasheet
72Kb / 2P
Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
S8CG VISHAY-S8CG Datasheet
101Kb / 4P
Surface-Mount Glass Passivated Rectifier
26-Feb-2020
S5A-M3 VISHAY-S5A-M3 Datasheet
91Kb / 4P
Surface Mount Glass Passivated Rectifier
31-Jul-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com