Electronic Components Datasheet Search
  English  ▼

X  

GF1J Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GF1J
Description  Surface Mount Glass Passivated Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GF1J Datasheet(HTML) 2 Page - Vishay Siliconix

  GF1J Datasheet HTML 1Page - Vishay Siliconix GF1J Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GF1A thru GF1M
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88617
2
08-Jul-02
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
10
1
Fig. 4 – Typical Reverse Characteristics
0.1
0.01
Fig. 1 – Forward Current Derating Curve
Fig. 2 – Maximum Non-Repetitive Peak
Forward Surge Current
0
100
130
110
120
140
150
160
175
Number of Cycles at 60 HZ
0
15
20
25
10
5
30
110
100
Lead Temperature (
°C)
0.1
1
10
0.01
TJ = 25
°C
TJ = 100
°C
0.4
0.6
1.4
1.6
0.8
1.0
1.2
Pulse Width = 300
µs
1% Duty Cycle
TJ = 25
°C
TJ = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
20
0
100
40
60
80
Percent of Rated Peak Reverse Voltage (%)
Fig. 3 – Typical Instantaneous
Forward Characteristics
Instantaneous Forward Voltage (V)
0.5
1.0
110
100
10
30
1
Reverse Voltage (V)
TJ = 25
°C
f = 1.0 MHZ
Vsig = 50mVp-p
Fig. 5 – Typical Junction Capacitance
0.01
110
100
10
100
0.1
0.1
1
t — Pulse Duration (sec.)
Fig. 6 – Typical Transient
Thermal Impedance
P.C.B. Mounted on
0.2 x 0.2" (5.0 x 5.0mm)
Copper Pad Areas
Mounted on
0.2 x 0.27" (5.0 x 7.0mm)
Copper Pad Areas
60 HZ Resistive or Inductive Load



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com