Electronic Components Datasheet Search
  English  ▼

X  

IR21771S Datasheet(PDF) 2 Page - International Rectifier

Part # IR21771S
Description  Phase Current Sensor IC for AC motor control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21771S Datasheet(HTML) 2 Page - International Rectifier

  IR21771S Datasheet HTML 1Page - International Rectifier IR21771S Datasheet HTML 2Page - International Rectifier IR21771S Datasheet HTML 3Page - International Rectifier IR21771S Datasheet HTML 4Page - International Rectifier IR21771S Datasheet HTML 5Page - International Rectifier IR21771S Datasheet HTML 6Page - International Rectifier IR21771S Datasheet HTML 7Page - International Rectifier IR21771S Datasheet HTML 8Page - International Rectifier IR21771S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IR22771S/IR21771S(PbF)
2
www.irf.com
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are absolute voltages referenced to VSS; all currents are defined positive into any lead. The Thermal Resistance and Power
Dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
IR22771
- 0.3
1225
V
VB
High Side Floating Supply Voltage
IR21771
- 0.3
625
V
VS
High Side Floating Ground Voltage
VB - 25
VB + 0.3
V
Vin+ / Vin-
High-Side Inputs Voltages
VB - 5
VB + 0.3
V
G0 / G1
High-Side Range Selectors
VB - 0.3
VB + 0.3
V
VCC
Low-Side Fixed Supply Voltage
- 0.3
25
V
Sync
Low-Side Input Synchronization Signal
- 0.3
VCC + 0.3
V
PO
PWM Output
- 0.3
VCC + 0.3
V
OC
Over Current Output Voltage
- 0.3
VCC + 0.3
V
dVS/dt
Allowable Offset Voltage Slew Rate
50
V/ns
PD
Maximum Power Dissipation
250
mW
RthJA
Thermal Resistance, Junction to Ambient
90
ºC/W
TJ
Junction Temperature
-40
125
ºC
TS
Storage Temperature
-55
150
ºC
TL
Lead Temperature (Soldering, 10 seconds)
300
ºC
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions. All voltage parameters are absolute
voltages referenced to VSS. The V
S offset rating is tested with all supplies biased at 15V differential.
Symbol
Definition
Min.
Max.
Units
V
BS
High Side Floating Supply Voltage (V
B- VS)
VS + 8.0
VS + 20
V
IR22771
-5
1200
V
V
S
High Side Floating Ground Voltage
IR21771
-5
600
V
Vin+ / Vin-
High-Side Inputs Voltages
VS - 5.0
VS + 5.0
V
G0 / G1
High-Side Range Selectors
Note 1
Note1
VCC
Low Side Logic Fixed Supply Voltage
8
20
V
Sync
Low-Side Input Synchronization Signal
V
SS
VCC
V
fsync
Sync Input Frequency
4
20
kHz
PO
PWM Output
-0.3
Note 2
V
OC
Over Current Output Voltage
-0.3
Note 2
V
T
A
Ambient Temperature
-40
125
ºC
Note 1: Shorted to VS or VB
Note 2: Pull-Up Resistor to VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com