Electronic Components Datasheet Search
  English  ▼

X  

IR21771S Datasheet(PDF) 13 Page - International Rectifier

Part # IR21771S
Description  Phase Current Sensor IC for AC motor control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21771S Datasheet(HTML) 13 Page - International Rectifier

Back Button IR21771S Datasheet HTML 8Page - International Rectifier IR21771S Datasheet HTML 9Page - International Rectifier IR21771S Datasheet HTML 10Page - International Rectifier IR21771S Datasheet HTML 11Page - International Rectifier IR21771S Datasheet HTML 12Page - International Rectifier IR21771S Datasheet HTML 13Page - International Rectifier IR21771S Datasheet HTML 14Page - International Rectifier IR21771S Datasheet HTML 15Page - International Rectifier IR21771S Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
IR22771S/IR21771S(PbF)
13
www.irf.com
For this particular PWM scheme another suitable
solution is driving the IR2x771 with a half frequency
SYNC signal (fSYNC=fPWM/2).
In this case the cut frequency of the input filter is
reduced by half allowing zeroes to be put at fPWM
multiples (i.e. even and odd harmonics cancellation,
no more computational effort needed by the
controller).
Figure 15: Even harmonic cancellation principle
1.6 Input filter gain setting
G0 and G1 pins are used to change the time
constant of the integrators of the high side input
filter.
To avoid internal saturation of the input filter, G0
and G1 must be connected according to SYNC
frequency as shown in Table 1. A too small time
constant may saturate the internal integrator, while
a large time constant may reduce accuracy.
G0 and G1 do not affect the overall current sensor
gain.
f PWM
G0
G1
> 16 kHz *
VB
VB
16 / 10 kHz
VS
VB
10 / 6 kHz
VB
VS
< 6 kHz
VS
VS
*
40 kHz
Table 1: G0, G1 gain settings
Triangular
Phase voltage
Phase current
Current Mean
Fundamental
harmonic
Fundamental
harmonic
Switching level
Third
harmonic
Third
harmonic
SYNC 1
SYNC 2
Sampling
instant
Sampling
instant
Error
Triangular
Phase voltage
Phase current
Current Mean
Fundamental
harmonic
Fundamental
harmonic
Switching level
Third
harmonic
Stage 1 input:
Input signal
components
(1
st and 2nd
harmonic only)
Third
harmonic
SYNC 1
SYNC 2
Sampling
instant
Sampling
instant
Error
Stage 1
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com