Electronic Components Datasheet Search
  English  ▼

X  

CM2002 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CM2002
Description  One-Camera IP Video Server
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM2002 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CM2002 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2002 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2002 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2002 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2002 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2002 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2002 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2002 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2002 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Part Number:
CM2002 - One-Camera IP Video Server
CM2002 IP Video Server Features
Video In
Audio
DO G DI G Out In
Ethernet
PoE
DC 12V
In G Out G D+ D-
1
2
3
4
Fig. 1 Front View
Fig. 2 Back View
5
6
Fig. 3 Side View
No.
Label
Operation
1
DC 12V
12 VDC in/out connection ports
D+/D-
RS485 connection port
2
Ethernet PoE
RJ-45 connection port
3
DI/DO
DI/DO connection port
Audio
Audio in/out connection ports
4
Video In
BNC video-in signal connection port
5
Micro SD card slot
6
Default
Factory default reset button
Installation Instructions
One-Camera IP Video Server
1507280
Ethernet
PoE
DC
12V
In
G O
ut
G
D+
D-
Ethernet
PoE
DC
12V
In
G O
ut
G
D+
D-
Default


Similar Part No. - CM2002

ManufacturerPart #DatasheetDescription
logo
Comus International
CM2002-0 COMUS-CM2002-0 Datasheet
205Kb / 1P
TILT SWITC-HIGH POWER
More results

Similar Description - CM2002

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK444 SANYO-2SK444 Datasheet
77Kb / 3P
Video Camera Applications
logo
Level One
FCS-4000 LVL1-FCS-4000 Datasheet
310Kb / 4P
IP Speed Dome Camera
logo
List of Unclassifed Man...
7260 ETC2-7260 Datasheet
876Kb / 3P
i.LON짰 600 LONWORKS짰/IP Server
logo
THOR communications
QAM-IP THOR-QAM-IP Datasheet
680Kb / 1P
Integrated Encoder / Modulator / IP Server
logo
Level One
FCS-1152 LVL1-FCS-1152_18 Datasheet
464Kb / 4P
Varifocal IP Network Camera
FCS-3085 LVL1-FCS-3085 Datasheet
656Kb / 5P
Varifocal Dome IP Network Camera
FCS-3065 LVL1-FCS-3065_18 Datasheet
492Kb / 4P
Fixed Dome IP Network Camera,
FCS-3064 LVL1-FCS-3064_18 Datasheet
810Kb / 5P
Varifocal Dome IP Network Camera
FCS-3086 LVL1-FCS-3086 Datasheet
689Kb / 5P
Fixed Dome IP Network Camera
FCS-3305 LVL1-FCS-3305 Datasheet
245Kb / 3P
Zoom Dome IP Network Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com