Electronic Components Datasheet Search
  English  ▼

X  

CM2002 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CM2002
Description  One-Camera IP Video Server
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM2002 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CM2002 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2002 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2002 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2002 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2002 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2002 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2002 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2002 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2002 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Connecting to a Power Over Ethernet (PoE) Device (Fig. 6)
STEP 1: Connect the CM2002 to a power source.
STEP 2: Connect a PC or a PoE switch/network video recorder (NVR) to the CM2002 Ethernet connection port using an Ethernet cable.
STEP 3: Configure the network settings according to the network environment being used.
STEP 4: Connect an analog camera to the CM2002 video-in connection port using a BNC cable.
Note: This step assumes the camera is already set up and powered. The CM2002 does not provide power to any external device.
Video In
Audio
DO G DI G Out In
Ethernet
PoE
DC 12V
In G Out G D+ D-
Ethernet
PoE Device
BNC end of included
RCA/BNC Cable Assembly
Fig. 6 PoE Device Connections
Installing the Micro-SD Card (Fig. 7)
STEP 1: Locate the micro-SD label on the CM2002.
STEP 2: Insert the micro-SD card into the slot located immediately below the
label.
Ethernet
PoE
DC
12V
In
G O
ut
G
D+
D-
Ethernet
PoE
DC
12V
In
G O
ut
G
D+
D-
Default
GB
Fig. 7 Micro-SD Card Slot



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com