Electronic Components Datasheet Search
  English  ▼

X  

MP2374DS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2374DS
Description  6.5V-32V Input, 1A, 330kHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2374DS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2374DS Datasheet HTML 1Page - Monolithic Power Systems MP2374DS Datasheet HTML 2Page - Monolithic Power Systems MP2374DS Datasheet HTML 3Page - Monolithic Power Systems MP2374DS Datasheet HTML 4Page - Monolithic Power Systems MP2374DS Datasheet HTML 5Page - Monolithic Power Systems MP2374DS Datasheet HTML 6Page - Monolithic Power Systems MP2374DS Datasheet HTML 7Page - Monolithic Power Systems MP2374DS Datasheet HTML 8Page - Monolithic Power Systems MP2374DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP2374
6.5V-32V Input, 1A, 330kHz
Step-Down Converter
MP2374 Rev. 1.0
www.MonolithicPower.com
1
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2374 is a high voltage step-down
converter ideal for automotive power adapter
battery chargers. Its wide 6.5V to 32V input
voltage range covers the automotive battery’s
requirements and it achieves 1A continuous
output for quick charge capability.
Current mode operation provides fast transient
response and eases loop stabilization. Fault
protection
includes
cycle-by-cycle
current
limiting and thermal shutdown. In shutdown
mode, the converter draws only 20μA of supply
current.
The MP2374 requires a minimum number of
readily
available
external
components
to
complete a 1A step-down DC to DC converter
solution.
FEATURES
• Wide 6.5V to 32V Input Operating Range
• 34V Absolute Maximum Input
• 1A Continuous Load Current
• 120mΩ Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic
Capacitors
• Up to 95% Efficiency
• 20μA Shutdown Mode
• Fixed 330KHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Output Adjustable From 1.23V to 21V
• Under Voltage Lockout
• Reference Voltage Output
• Available in an 8-Pin SOIC Package
APPLICATIONS
• Automotive Power Adapters
• PDA and Cellular Phone Battery Chargers
• Automotive Aftermarket Electronics
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
INPUT
6.5V to 32V
OPEN
NOT USED
OUTPUT
2.5V
C4
4.7nF
D1
C2
10nF
MP2374
BS
IN
FB
SW
REF
GND
COMP
EN
1
3
5
6
4
8
7
2
OFF ON


Similar Part No. - MP2374DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2370 MPS-MP2370 Datasheet
491Kb / 8P
1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
MP23701 MPS-MP23701 Datasheet
547Kb / 15P
24V, 2A, 1.5MHz, Synchronous, Step-Down LED Driver
3/22/2019 Rev. 1.0
MP23701GQEU MPS-MP23701GQEU Datasheet
547Kb / 15P
24V, 2A, 1.5MHz, Synchronous, Step-Down LED Driver
3/22/2019 Rev. 1.0
MP23701GQEU-Z MPS-MP23701GQEU-Z Datasheet
547Kb / 15P
24V, 2A, 1.5MHz, Synchronous, Step-Down LED Driver
3/22/2019 Rev. 1.0
MP2370DJ MPS-MP2370DJ Datasheet
491Kb / 8P
1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
More results

Similar Description - MP2374DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1591 ETC2-MP1591 Datasheet
229Kb / 10P
2A, 32V, 330KHz Step-Down Converter
logo
Monolithic Power System...
EV0020 MPS-EV0020 Datasheet
203Kb / 4P
2A, 32V, 330KHz Step-Down Converter
MP1591 MPS-MP1591 Datasheet
229Kb / 10P
2A, 32V, 330KHz Step-Down Converter
MP1591 MPS-MP1591_06 Datasheet
254Kb / 11P
2A, 32V, 330KHz Step-Down Converter
logo
Richtek Technology Corp...
RT8289 RICHTEK-RT8289 Datasheet
337Kb / 13P
5A, 32V, 500kHz Step-Down Converter
logo
Leshan Radio Company
LR8503 LRC-LR8503 Datasheet
586Kb / 7P
800mA,2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD2776 TECHCODE-TD2776 Datasheet
925Kb / 14P
2.2A 32V Synchronous Rectified Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7203D ACE-ACE7203D Datasheet
207Kb / 3P
800mA, 2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
VER 1.1
logo
Richtek Technology Corp...
RT5758 RICHTEK-RT5758 Datasheet
713Kb / 26P
9A, 6.5V, 1MHz Synchronous Step-Down Converter
April 2018
logo
Unisonic Technologies
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com